Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MP2671 Datasheet(PDF) 4 Page - Monolithic Power Systems

Part # MP2671
Description  Li-ion Battery Charger Protection Circuit
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MPS [Monolithic Power Systems]
Direct Link  http://www.monolithicpower.com
Logo MPS - Monolithic Power Systems

MP2671 Datasheet(HTML) 4 Page - Monolithic Power Systems

  MP2671 Datasheet HTML 1Page - Monolithic Power Systems MP2671 Datasheet HTML 2Page - Monolithic Power Systems MP2671 Datasheet HTML 3Page - Monolithic Power Systems MP2671 Datasheet HTML 4Page - Monolithic Power Systems MP2671 Datasheet HTML 5Page - Monolithic Power Systems MP2671 Datasheet HTML 6Page - Monolithic Power Systems MP2671 Datasheet HTML 7Page - Monolithic Power Systems MP2671 Datasheet HTML 8Page - Monolithic Power Systems MP2671 Datasheet HTML 9Page - Monolithic Power Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 11 page
background image
MP2671 – CHARGE SYSTEM PROTECTION CIRCUIT
MP2671 Rev. 0.9
www.MonolithicPower.com
4
2/23/2009
MPS Proprietary Information. Unauthorized Photocopy and Duplication Prohibited.
© 2009 MPS. All Rights Reserved.
TYPICAL PERFORMANCE CHARACTERISTICS
VIN= 5V, RILM= 25kΩ, CIN= 1uF, RVB= 200kΩ, TA = +25ºC, unless otherwise noted.
Input Steps
From 0V to 9V Waveform
Battery Overvoltage Protection
The IC is latched off after 16 counts of protection,
VB voltage varies between 4.3V to 4.5V
Input Steps
From 5.5V to 9.5V Waveform
Input Gradually Rises to
the Input OVP
Threshold Waveform
Input Steps
From 6.5V to 5.5V Waveform
4ms/div
4ms/div
400ms/div
10s/div
WRN (5V/DIV)
OUT (2V/DIV)
VIN (2V/DIV)
WRN (5V/DIV)
WRN (5V/DIV)
WRN (5V/DIV)
ILIM (1V/DIV)
OUT (1V/DIV)
OUT (2V/DIV)
OUT (2V/DIV)
VB (1V/DIV)
VIN (1V/DIV)
OUT (1V/DIV)
WRN (5V/DIV)
LOAD CURRENT
(200mA/DIV)
VIN (1V/DIV)
VIN (2V/DIV)
VIN (2V/DIV)
Zoom In View of Power-up
Waveform when Output
is Short-circuit
Green: Load Current; Blue: Output Voltage
Power-up Waveform
when Output is Short-circuit
200ms/div
10ms/div
LOAD CURRENT
(500mA/DIV)
LOAD CURRENT
(500mA/DIV)
VIN (1V/DIV)
WRN (5V/DIV)
OUT (1V/DIV)
WRN (5V/DIV)
VIN (1V/DIV)
OUT (1V/DIV)
VIN (2V/DIV)
OUT (2V/DIV)



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com