Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MP2671DL Datasheet(PDF) 9 Page - Monolithic Power Systems

Part # MP2671DL
Description  Li-ion Battery Charger Protection Circuit
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MPS [Monolithic Power Systems]
Direct Link  http://www.monolithicpower.com
Logo MPS - Monolithic Power Systems

MP2671DL Datasheet(HTML) 9 Page - Monolithic Power Systems

Back Button MP2671DL Datasheet HTML 3Page - Monolithic Power Systems MP2671DL Datasheet HTML 4Page - Monolithic Power Systems MP2671DL Datasheet HTML 5Page - Monolithic Power Systems MP2671DL Datasheet HTML 6Page - Monolithic Power Systems MP2671DL Datasheet HTML 7Page - Monolithic Power Systems MP2671DL Datasheet HTML 8Page - Monolithic Power Systems MP2671DL Datasheet HTML 9Page - Monolithic Power Systems MP2671DL Datasheet HTML 10Page - Monolithic Power Systems MP2671DL Datasheet HTML 11Page - Monolithic Power Systems  
Zoom Inzoom in Zoom Outzoom out
 9 / 11 page
background image
MP2671 – CHARGE SYSTEM PROTECTION CIRCUIT
MP2671 Rev. 0.9
www.MonolithicPower.com
9
2/23/2009
MPS Proprietary Information. Unauthorized Photocopy and Duplication Prohibited.
© 2009 MPS. All Rights Reserved.
Battery Over-voltage Protection (BOVP)
The battery voltage OVP threshold is internally
set to 4.34V. The threshold has 30mV built-in
hysteresis. The comparator CP3, as shown in
Figure 1, monitors the VB pin and issues an
over-voltage signal to turn off the internal power
FET when the battery voltage exceeds the
battery OVP threshold. The comparator CP3
has a built-in 180µs blanking time to prevent
any transient voltage from triggering the OVP. If
the OVP situation still exists after the blanking
time, the power FET is turned off. There is an
internal 4-bit binary counter monitoring the
occurrences of the battery over-voltage event. If
the battery over-voltage occurs 16 times, the
power FET is turned off permanently. Recycling
the input power or toggling the enable ( EN )
input will reset the counter and restart the
MP2671.
The resistor between the VB pin and the
battery,
RVB, as shown in the Typical
Applications circuit, is an important component.
This resistor provides a current limit in case the
VB pin is shorted to the input voltage under a
failure mode. The VB pin leakage current under
normal operation is negligible to allow a
resistance of 200kΩ to 1MΩ be used.
Thermal Protection
The MP2671 monitors its own die temperature
to prevent thermal failures. When the internal
temperature reaches 140°C, the internal N-
channel power MOSFET is turned off. The IC
does not resume operation until the internal
temperature drops below 90°C.
External Enable Function
The MP2671 offers an enable (EN ) input which
can be used to enable or disable the IC. When
the EN pin is pulled to logic HIGH, the
protection IC is shut down. The internal control
circuit as well as the power FET is turned off.
Both 4-bit binary counters for the battery OVP
and the OCP are reset to zero when the IC is
re-enabled. The EN pin has an internal 200kΩ
pull-down resistor. Leaving the EN pin floating
or driving it to below 0.4V enables the IC.
Warning Indication Output
The WRN pin is an open-drain output that
indicates a LOW signal when any of the three
protection events happens. To pull the WRN
pin voltage low when fault, a 1k Ω resistor
should used as the pull up resistor.



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com