Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MP2674 Datasheet(PDF) 1 Page - Monolithic Power Systems

Part # MP2674
Description  Li-Ion Battery Charger Protection Circuit
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MPS [Monolithic Power Systems]
Direct Link  http://www.monolithicpower.com
Logo MPS - Monolithic Power Systems

MP2674 Datasheet(HTML) 1 Page - Monolithic Power Systems

  MP2674 Datasheet HTML 1Page - Monolithic Power Systems MP2674 Datasheet HTML 2Page - Monolithic Power Systems MP2674 Datasheet HTML 3Page - Monolithic Power Systems MP2674 Datasheet HTML 4Page - Monolithic Power Systems MP2674 Datasheet HTML 5Page - Monolithic Power Systems MP2674 Datasheet HTML 6Page - Monolithic Power Systems MP2674 Datasheet HTML 7Page - Monolithic Power Systems MP2674 Datasheet HTML 8Page - Monolithic Power Systems MP2674 Datasheet HTML 9Page - Monolithic Power Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 11 page
background image
MP2674
Li-Ion Battery Charger
Protection Circuit
MP2674 Rev. 0.9
www.MonolithicPower.com
1
11/8/2010
MPS Proprietary Information. Unauthorized Photocopy and Duplication Prohibited.
© 2010 MPS. All Rights Reserved.
The Future of Analog IC Technology
DESCRIPTION
The MP2674 is a high-performance single cell
Li-Ion/Li-Polymer battery charger protection
circuit. By integrating high voltage input
protection into the IC, the MP2674 can tolerate
an input surge up to +30V.
The
device
features
input
over
voltage
protection
(OVP),
battery
over
voltage
protection (BOVP) and over charge current
protection (OCP). The device also provides
fault indications to the system when any of the
protection events happens.
For guaranteed safe operation, the MP2674
monitors its own internal temperature and turns
off the MOSFET bridging VIN and OUT when
the die temperature exceeds 150oC.
The MP2674 is available in an 8-pin 2mmx2mm
QFN package.
FEATURES
• Input Surge up to 30V
• Input Over voltage protection in 1µs.
• Proprietary Battery Over-Voltage Protection
• Programmable Charge Current Protection
Limit Value.
• Temperature Monitoring and Protection
• Fault Indication
• 2mmx2mm QFN Package
APPLICATIONS
• Cell Phones
• MP3 Players
• Smart Phones
• PDA
• Digital Cameras
• Desktop Chargers
“MPS” and “The Future of Analog IC Technology” are Registered Trademarks of
Monolithic Power Systems, Inc.
TYPICAL APPLICATION
MP2674
VIN
ILIM
GND
OUT
VB
FLT
CIN
RFLT
RILIM
LINEAR
BATTERY
CHARGER
RVB
Battery
Pack
INPUT
COUT


Similar Part No. - MP2674

ManufacturerPart #DatasheetDescription
logo
Monolithic Power System...
MP2670 MPS-MP2670 Datasheet
386Kb / 12P
Li-ion Battery Charger Protection Circuit
MP2670DQ MPS-MP2670DQ Datasheet
386Kb / 12P
Li-ion Battery Charger Protection Circuit
MP2671 MPS-MP2671 Datasheet
363Kb / 11P
Li-ion Battery Charger Protection Circuit
MP2671DL MPS-MP2671DL Datasheet
363Kb / 11P
Li-ion Battery Charger Protection Circuit
MP2676 MPS-MP2676 Datasheet
438Kb / 10P
Li-Ion Charger Protection IC With Integrated P-MOSFET
More results

Similar Description - MP2674

ManufacturerPart #DatasheetDescription
logo
Microsemi Corporation
LX2203 MICROSEMI-LX2203 Datasheet
187Kb / 11P
Li-Ion Battery Charger
logo
Kingbor Technology Co
KB4054 KINGBOR-KB4054 Datasheet
142Kb / 15P
Li-Ion Battery Charger
KB4540 KINGBOR-KB4540 Datasheet
151Kb / 15P
Li-Ion Battery Charger
logo
Intersil Corporation
ISL9205_0705 INTERSIL-ISL9205_0705 Datasheet
444Kb / 14P
Li-ion Battery Charger
May 16, 2007
logo
Monolithic Power System...
MP2670 MPS-MP2670 Datasheet
386Kb / 12P
Li-ion Battery Charger Protection Circuit
MP2671 MPS-MP2671 Datasheet
363Kb / 11P
Li-ion Battery Charger Protection Circuit
logo
Intersil Corporation
ISL9205IRZ INTERSIL-ISL9205IRZ Datasheet
515Kb / 14P
Li-ion Battery Charger
July 28, 2010
logo
Monolithic Power System...
MP2678 MPS-MP2678 Datasheet
396Kb / 11P
Li-Ion Battery Charger Protection Circuit With LDO Mode
logo
Renesas Technology Corp
ISL9205 RENESAS-ISL9205_V01 Datasheet
788Kb / 17P
Li-ion Battery Charger
Dec 20, 2018
logo
Hotchip Technology Co.,...
HT4906 HOTCHIP-HT4906 Datasheet
579Kb / 11P
Li-ion Battery Charger
Ver1.0
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com