Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MP2676 Datasheet(PDF) 1 Page - Monolithic Power Systems

Part # MP2676
Description  Li-Ion Charger Protection IC With Integrated P-MOSFET
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MPS [Monolithic Power Systems]
Direct Link  http://www.monolithicpower.com
Logo MPS - Monolithic Power Systems

MP2676 Datasheet(HTML) 1 Page - Monolithic Power Systems

  MP2676 Datasheet HTML 1Page - Monolithic Power Systems MP2676 Datasheet HTML 2Page - Monolithic Power Systems MP2676 Datasheet HTML 3Page - Monolithic Power Systems MP2676 Datasheet HTML 4Page - Monolithic Power Systems MP2676 Datasheet HTML 5Page - Monolithic Power Systems MP2676 Datasheet HTML 6Page - Monolithic Power Systems MP2676 Datasheet HTML 7Page - Monolithic Power Systems MP2676 Datasheet HTML 8Page - Monolithic Power Systems MP2676 Datasheet HTML 9Page - Monolithic Power Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 10 page
background image
MP2676
Li-Ion Charger Protection IC
With Integrated P-MOSFET
MP2676 Rev. 0.91
www.MonolithicPower.com
1
12/7/2010
MPS Proprietary Information. Unauthorized Photocopy and Duplication Prohibited.
© 2010 MPS. All Rights Reserved.
The Future of Analog IC Technology
DESCRIPTION
The MP2676 is a highly integrated circuit
designed to provide complete Li-ion battery
charger protection against input over voltage,
input over current and battery over voltage. The
IC continuously monitors the input voltage, the
input current and the battery voltage, when any
of the monitored parameters exceeds its
threshold, the IC immediately turns off the
internal N-channel MOSFET to remove the
power from the charge system before any
damage occurs. Moreover, all protections also
have blanking times against false triggering due
to voltage spikes or current transients. The IC
also features thermal shutdown protection, if
the temperature exceeds 140ºC, MP2676 will
turn off the internal MOSFET bridging ACIN and
CHRIN.
MP2676 integrates a P-channel MOSFET with
the body diode reverse protection to replace the
external P-channel MOSFET and blocking
diode for charge function of portable devices
with PMIC (Power Management IC). The above
features and small package make the MP2676
an ideal part for portable applications.
FEATURES
• No External Blocking Diode Requiring
• Input Over Voltage Protection in 1µs
• Input Over Current Protection
• Battery Over Voltage Protection
• Integrated Charging MOSFET
• Temperature Monitoring and Protection
• High Immunity of False Triggering under
Startup, Transients
APPLICATIONS
• Cell Phones
• MP3 Players
• Smart Phones
• PDAs
• Digital Cameras
• Desktop Chargers
“MPS” and “The Future of Analog IC Technology” are Registered Trademarks of
Monolithic Power Systems, Inc.
TYPICAL APPLICATION


Similar Part No. - MP2676

ManufacturerPart #DatasheetDescription
logo
Monolithic Power System...
MP2670 MPS-MP2670 Datasheet
386Kb / 12P
Li-ion Battery Charger Protection Circuit
MP2670DQ MPS-MP2670DQ Datasheet
386Kb / 12P
Li-ion Battery Charger Protection Circuit
MP2671 MPS-MP2671 Datasheet
363Kb / 11P
Li-ion Battery Charger Protection Circuit
MP2671DL MPS-MP2671DL Datasheet
363Kb / 11P
Li-ion Battery Charger Protection Circuit
MP2674 MPS-MP2674 Datasheet
353Kb / 11P
Li-Ion Battery Charger Protection Circuit
More results

Similar Description - MP2676

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
EC9522T ETC2-EC9522T Datasheet
74Kb / 8P
LI-ION PROTECTION IC
logo
Eutech Microelectronics...
EUP8010X EUTECH-EUP8010X Datasheet
292Kb / 12P
Linear Li-Ion/Polymer Charger IC with Integrated FET and Charger Timer
logo
Anpec Electronics Corop...
APL3206 ANPEC-APL3206 Datasheet
314Kb / 19P
Li Charger Protection IC with Integrated P-MOSFET
APL3208A ANPEC-APL3208A Datasheet
288Kb / 17P
Li Charger Protection IC with Integrated P-MOSFET
logo
Alpha & Omega Semicondu...
AOZ1401DI AOSMD-AOZ1401DI Datasheet
624Kb / 14P
Li Charger Protection IC
logo
Anpec Electronics Corop...
APL3203D ANPEC-APL3203D Datasheet
446Kb / 19P
Li Charger Protection IC
APL3205A ANPEC-APL3205A_11 Datasheet
476Kb / 20P
Li Charger Protection IC
APL3206 ANPEC-APL3206_10 Datasheet
386Kb / 19P
Li Charger Protection IC with Integrated P-MOSFET
APL3215 ANPEC-APL3215 Datasheet
317Kb / 18P
Li Charger Protection IC with Integrated P-MOSFET
APL3225 ANPEC-APL3225 Datasheet
236Kb / 15P
Li Charger Protection IC
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com