Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MP3214 Datasheet(PDF) 6 Page - Monolithic Power Systems

Part # MP3214
Description  500mA LED Camera Flash Charge Pump
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MPS [Monolithic Power Systems]
Direct Link  http://www.monolithicpower.com
Logo MPS - Monolithic Power Systems

MP3214 Datasheet(HTML) 6 Page - Monolithic Power Systems

  MP3214 Datasheet HTML 1Page - Monolithic Power Systems MP3214 Datasheet HTML 2Page - Monolithic Power Systems MP3214 Datasheet HTML 3Page - Monolithic Power Systems MP3214 Datasheet HTML 4Page - Monolithic Power Systems MP3214 Datasheet HTML 5Page - Monolithic Power Systems MP3214 Datasheet HTML 6Page - Monolithic Power Systems MP3214 Datasheet HTML 7Page - Monolithic Power Systems MP3214 Datasheet HTML 8Page - Monolithic Power Systems MP3214 Datasheet HTML 9Page - Monolithic Power Systems  
Zoom Inzoom in Zoom Outzoom out
 6 / 9 page
background image
MP3214 – 500mA LED CAMERA FLASH CHARGE PUMP
MP3214 Rev. 1.01
www.MonolithicPower.com
6
6/24/2011
MPS Proprietary Information. Patent Protected. Unauthorized Photocopy and Duplication Prohibited.
© 2011 MPS. All Rights Reserved.
TYPICAL PERFORMANCE CHARACTERISTICS
Start up and Shut down
Start up at 1X Mode, V_BAT=4.2V
Start up and Shut down
Shut down at 1X Mode, V_BAT=4.2V
Start up and Shut down
Start up at 2X Mode, V_BAT=2.7V
Start up and Shut down
Shut down at 2X Mode, V_BAT=2.7V
Mode 1.5X to 1X retry
Start up and Shut down
Start up at 1.5X Mode, V_BAT=3.5V
Start up and Shut down
Shut down at 1.5X Mode, V_BAT=3.5V
V_C1A
2V/div
V_C1B
2V/div
V_C2A
2V/div
V_C2B
2V/div
V_C1A
2V/div
V_C1A
2V/div
V_C1B
2V/div
V_C1B
2V/div
V_C2A
2V/div
V_C2B
2V/div
V_CP
1V/div
EN
2V/div
I_Flash
200mA/div
V_CP
1V/div
EN
2V/div
I_Flash
200mA/div
V_CP
1V/div
EN
2V/div
I_Flash
200mA/div
V_CP
1V/div
V_CP
1V/div
EN
2V/div
I_Flash
200mA/div
V_CP
1V/div
EN
2V/div
I_Flash
200mA/div
V_CP
1V/div
EN
2V/div
I_Flash
200mA/div
I_BAT
500mA/div
Charge Pump
Vin=3.5V, I_LED =500mA, 1.5X mode
Charge Pump
Vin=2.7V, I_LED =500mA, 2.0X mode



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com