Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

BA6287F Datasheet(PDF) 7 Page - Rohm

Part # BA6287F
Description  1.0A Reversible Motor Drivers (Single Motor)
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ROHM [Rohm]
Direct Link  http://www.rohm.com
Logo ROHM - Rohm

BA6287F Datasheet(HTML) 7 Page - Rohm

Back Button BA6287F Datasheet HTML 3Page - Rohm BA6287F Datasheet HTML 4Page - Rohm BA6287F Datasheet HTML 5Page - Rohm BA6287F Datasheet HTML 6Page - Rohm BA6287F Datasheet HTML 7Page - Rohm BA6287F Datasheet HTML 8Page - Rohm BA6287F Datasheet HTML 9Page - Rohm BA6287F Datasheet HTML 10Page - Rohm BA6287F Datasheet HTML 11Page - Rohm Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 18 page
background image
Technical Note
7/17
BA6956AN,BA6287F,BA6285FS,BA6285AFP-Y,BA6920FP-Y
www.rohm.com
2011.05 - Rev.B
© 2011 ROHM Co., Ltd. All rights reserved.
●Block diagram and pin configuration
BA6287F
Fig.27
BA6287F
Table 2
BA6287F
Pin
Name
Function
1
OUT1
Driver output
2
VM
Power supply (driver stage)
3
VCC
Power supply (small signal)
4
FIN
Control input (forward)
5
RIN
Control input (reverse)
6
VREF
Reference voltage setting pin
7
OUT2
Driver output
8
GND
GND
ZD
C2
C1
VM
VCC
OUT1
OUT2
R2
R1
M
C3
3
2
7
1
4
5
CTRL
TSD
FIN
RIN
6
VREF
8
GND
VCC
Fig.28
BA6287F (SOP8)
OUT1
VM
VCC
FIN
GND
OUT2
VREF
RIN



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com