Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MP3308 Datasheet(PDF) 6 Page - Monolithic Power Systems

Part # MP3308
Description  Step-up White LED Driver with Dual PWM Dimming Input Control
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MPS [Monolithic Power Systems]
Direct Link  http://www.monolithicpower.com
Logo MPS - Monolithic Power Systems

MP3308 Datasheet(HTML) 6 Page - Monolithic Power Systems

Back Button MP3308 Datasheet HTML 2Page - Monolithic Power Systems MP3308 Datasheet HTML 3Page - Monolithic Power Systems MP3308 Datasheet HTML 4Page - Monolithic Power Systems MP3308 Datasheet HTML 5Page - Monolithic Power Systems MP3308 Datasheet HTML 6Page - Monolithic Power Systems MP3308 Datasheet HTML 7Page - Monolithic Power Systems MP3308 Datasheet HTML 8Page - Monolithic Power Systems MP3308 Datasheet HTML 9Page - Monolithic Power Systems MP3308 Datasheet HTML 10Page - Monolithic Power Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 13 page
background image
MP3308 – STEP-UP WHITE LED DRIVER WITH DUAL PWM DIMMING INPUT CONTROL
MP3308 Rev. 1.02
www.MonolithicPower.com
6
7/19/2012
MPS Proprietary Information. Patent Protected. Unauthorized Photocopy and Duplication Prohibited.
© 2012 MPS. All Rights Reserved.
TYPICAL PERFORMANCE CHARACTERISTICS
VIN =5V, 3 LEDs in series, 9 strings parallel, 120mA/string, unless otherwise noted.
VSW
5V/div.
VOUT
5V/div.
VIN
5V/div.
IL
500mA/div.
VSW
5V/div.
VOUT
5V/div.
VEN
5V/div.
WLED
Current
100mA/div.
Steady State Operation
EN Power On
VSW
5V/div.
VOUT
5V/div.
VIN
5V/div.
WLED
Current
100mA/div.
VSW
5V/div.
VOUT
5V/div.
VEN
5V/div.
WLED
Current
100mA/div.
VIN Power On
EN Shut Down
3 3.5
4
4.5
5
5.5
6
6.5
20
40
60
80
100
120
140
160
180
20
40
60
80
100
120
140
160
180
20
40
60
80
100
120
140
160
180
VIN (V)
PWMIA/B DUTY CYCLE
PWMIA DUTY CYCLE
PWMIB DUTY CYCLE
Efficiency vs. VIN
PWMIA Dimming Duty vs.
WLED Current
PWMIB Dimming Duty vs.
WLED Current
PWMIA*DPWMIB vs.
WLED Current
VSW
5V/div.
VOUT
5V/div.
VIN
5V/div.
WLED
Current
100mA/div.
VIN Shut Down



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com