Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MP3386 Datasheet(PDF) 10 Page - Monolithic Power Systems

Part # MP3386
Description  50V, 6 String White LED Driver
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MPS [Monolithic Power Systems]
Direct Link  http://www.monolithicpower.com
Logo MPS - Monolithic Power Systems

MP3386 Datasheet(HTML) 10 Page - Monolithic Power Systems

Back Button MP3386 Datasheet HTML 6Page - Monolithic Power Systems MP3386 Datasheet HTML 7Page - Monolithic Power Systems MP3386 Datasheet HTML 8Page - Monolithic Power Systems MP3386 Datasheet HTML 9Page - Monolithic Power Systems MP3386 Datasheet HTML 10Page - Monolithic Power Systems MP3386 Datasheet HTML 11Page - Monolithic Power Systems MP3386 Datasheet HTML 12Page - Monolithic Power Systems MP3386 Datasheet HTML 13Page - Monolithic Power Systems MP3386 Datasheet HTML 14Page - Monolithic Power Systems  
Zoom Inzoom in Zoom Outzoom out
 10 / 14 page
background image
MP3386- 50V, 6 STRINGS WHITE LED DRIVERS
MP3386 Rev. 1.0
www.MonolithicPower.com
10
1/19/2012
MPS Proprietary Information. Patent Protected. Unauthorized Photocopy and Duplication Prohibited.
© 2012 MPS. All Rights Reserved.
When applying a PWM signal to the PWMI pin,
the MP3386 generates a DC voltage on PWMO
pin which is proportional to the duty cycle of the
PWMI pin signal. By comparing the PWMO pin
signal with the FSET pin triangle waveform, the
converter gets a low frequency chopping signal
that the duty cycle is same as the input signal.
This low frequency chopping signal will modulate
the LED current.
A DC analog signal can be directly applied at the
PWMO pin to modulate the LED current. And the
DC signal is translated into the duty-cycle of the
low frequency chopping signal. The polarity is
negative.
The brightness of the LED array is proportional to
the duty cycle of the DPWM signal. The DPWM
signal frequency is set by the cap at the FSET
pin.
Open String Protection
The open string protection is achieved through
the over voltage protection. If one or more strings
are open, the respective LEDX pins are pulled to
ground and the IC keeps charging the output
voltage until it reach OVP threshold. Then the
part will mark off the open strings whose LEDX
pin voltage is less than 175mV. Once the mark-
off operation completes, the remaining LED
strings will force the output voltage back into tight
regulation. The string with the highest voltage
drop is the ruling string during output regulation.
The MP3386 always tries to light at least one
string and if all strings in use are open, the
MP3386 shuts down the step-up converter. The
part will maintain mark-off information until the
part shuts down.
Short String Protection
The MP3386 monitors the LEDX pin voltage to
judge if the short string occurs. If one or more
strings are short, the respective LEDX pins will
be pulled up to the boost output and tolerate high
voltage stress. If the LEDX pin voltage is higher
than 5.5V when the internal dimming control logic
is on, the short string condition is detected on the
respective string. When the short string fault
(LEDX over-voltage fault) continues for greater
than 1.6ms, the string is marked off and disabled.
Once a string is marked off, its current regulation
is forced to disconnect from the output voltage
loop regulation. The marked-off LED strings are
shut off totally until the part restarts. If all strings
in use are short, the MP3386 shuts down the
step-up converter.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com