Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MP3393EF Datasheet(PDF) 6 Page - Monolithic Power Systems

Part # MP3393EF
Description  8-String Step-Up White LED Driver with External Transistor
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MPS [Monolithic Power Systems]
Direct Link  http://www.monolithicpower.com
Logo MPS - Monolithic Power Systems

MP3393EF Datasheet(HTML) 6 Page - Monolithic Power Systems

Back Button MP3393EF Datasheet HTML 2Page - Monolithic Power Systems MP3393EF Datasheet HTML 3Page - Monolithic Power Systems MP3393EF Datasheet HTML 4Page - Monolithic Power Systems MP3393EF Datasheet HTML 5Page - Monolithic Power Systems MP3393EF Datasheet HTML 6Page - Monolithic Power Systems MP3393EF Datasheet HTML 7Page - Monolithic Power Systems MP3393EF Datasheet HTML 8Page - Monolithic Power Systems MP3393EF Datasheet HTML 9Page - Monolithic Power Systems MP3393EF Datasheet HTML 10Page - Monolithic Power Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 19 page
background image
MP3393—8-STRING WHITE LED DRIVER WITH STEP-UP CONTROLLER
MP3393 Rev. 1.05
www.MonolithicPower.com
6
3/26/2013
MPS Proprietary Information. Patent Protected. Unauthorized Photocopy and Duplication Prohibited.
© 2013 MPS. All Rights Reserved.
PIN FUNCTIONS
Pin #
Name
Description
1
VIN
Supply Input. The power to the chip, as well as the step-up converter switch. Drive VIN
with 9V-to-32V power source. Must be locally bypassed.
2
VCC
Internal 10V Linear Regulator Output. Provides power for the internal MOSFET switch
gate driver and the internal control circuitry. Bypass VCC to GND with a ceramic
capacitor.
3
COMP
Step-up Converter Compensator. Compensates the regulation control loop. Connect a
ceramic capacitor from COMP to GND.
4
OSC
Switching Frequency Set. Connect a resistor between OSC and GND to set the step-up
converter’s switching frequency. The voltage at this pin is regulated to 1.23V. The clock
frequency is proportional to the current sourced from this pin.
5
EN
Enable Control Input. Do not leave this pin floating. Use a ceramic capacitor for local
filtering.
6
DIM
Dimming. For PWM dimming, apply an external PWM signal with amplitude greater than
1.5V. For analog dimming, apply a DC voltage ranging from 0.4V to 1.5V to linearly set
the LED current from 0% to 100%.
7
FB1
LED Current Feedback. Detects the channel 1 current.
8
CTL1
External Transistor Control Pin. Connect it to the base of an external transistor to regulate
the channel 1 current.
9
FB2
LED Current Feedback. Detects the channel 2 current.
10
CTL2
External Transistor Control Pin. Connect it to the base of an external transistor to regulate
the channel 2 current.
11
FB3
LED Current Feedback. Detects the channel 3 current.
12
CTL3
External Transistor Control Pin. Connect it to the base of an external transistor to regulate
the channel 3 current.
13
FB4
LED Current Feedback. Detects the channel 4 current.
14
CTL4
External Transistor Control Pin. Connect it to the base of an external transistor to regulate
the channel 4 current.
15
CTL5
External Transistor Control Pin. Connect it to the base of an external transistor to regulate
the channel 5 current.
16
FB5
LED Current Feedback. Detects the channel 5 current.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com