Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MP3393EY Datasheet(PDF) 11 Page - Monolithic Power Systems

Part # MP3393EY
Description  8-String Step-Up White LED Driver with External Transistor
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MPS [Monolithic Power Systems]
Direct Link  http://www.monolithicpower.com
Logo MPS - Monolithic Power Systems

MP3393EY Datasheet(HTML) 11 Page - Monolithic Power Systems

Back Button MP3393EY Datasheet HTML 7Page - Monolithic Power Systems MP3393EY Datasheet HTML 8Page - Monolithic Power Systems MP3393EY Datasheet HTML 9Page - Monolithic Power Systems MP3393EY Datasheet HTML 10Page - Monolithic Power Systems MP3393EY Datasheet HTML 11Page - Monolithic Power Systems MP3393EY Datasheet HTML 12Page - Monolithic Power Systems MP3393EY Datasheet HTML 13Page - Monolithic Power Systems MP3393EY Datasheet HTML 14Page - Monolithic Power Systems MP3393EY Datasheet HTML 15Page - Monolithic Power Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 19 page
background image
MP3393—8-STRING WHITE LED DRIVER WITH STEP-UP CONTROLLER
MP3393 Rev. 1.05
www.MonolithicPower.com
11
3/26/2013
MPS Proprietary Information. Patent Protected. Unauthorized Photocopy and Duplication Prohibited.
© 2013 MPS. All Rights Reserved.
OPERATION
The MP3393 is a step-up controller with 8
internal constant current control circuit to regulate
an array of 8 strings of white LEDs. It employs
peak-current mode with programmable operation
frequency. Refer to the block diagram in Figure 1
for some of the operational details.
Internal 10V Regulator
The MP3393 has an internal linear regulator,
VCC. When VIN exceeds 10V, this regulator
provides a 10V power supply for the internal
MOSFET switch gate driver and the internal
control circuitry. The VCC voltage drops to 0V
when the chip shuts down. The MP3393 features
under-voltage lockout that disables the chip until
VCC exceeds the UVLO threshold. The UVLO
hysteresis is approximately 400mV.
System Startup
When the MP3393 is enabled, the chip monitors
the OVP pin to see whether the Schottky diode is
connected and whether the boost output is
shorted to GND. The chip is disabled if the OVP
voltage drops below 70mV. The MP3393 also
checks for other safety limits, including under-
voltage, over-voltage, and over-temperature
conditions. If the device functions within normal
working parameters, it boosts the output voltage
with an internal soft-start.
The start-up sequence consists of establishing
the input voltage and the PWM dimming signal
before the enable signal.
Step-up Converter
The
device’s
operating
frequency
is
programmable from 100kHz to 500kHz through
an external set resistor on the OSC pin. This
customizable frequency is helpful to optimize
external components for size and efficiency.
At the beginning of each cycle, the internal clock
turns on the external MOSFET. The addition of a
stabilizing ramp at the output of the current-sent
amplifier prevents sub-harmonic oscillations at
duty cycles greater than 50%; the output is fed
into the PWM comparator. When this voltage
reaches the output voltage level of the error
amplifier (VCOMP), the external MOSFET turns off.
The voltage at the output of the internal error
amplifier is the amplified difference between the
320mV reference voltage and the feedback
voltage. The converter automatically chooses the
lowest active CTLx pin voltage to provide the bus
voltage to power all the LED arrays.
If the feedback voltage drops below the 300mV
reference, the output of the error amplifier
increases. This results in more current flowing
through the power FET, thus increasing the
power delivered to the output. In this way it forms
a closed loop to regulate the output voltage.
Internal Accurate Constant Current Control
The MP3393 employs an internal current-control
circuit to provide accurate constant current
regulation. The FBx pin detects the LED current
and provides the signal to the current-control
circuit. The CTLx pin controls the external PNP
transistor to accurately regulate the LED current.
Both features improve thermal performance for
high-current LED applications.
Dimming Control
The MP3393 provides both analog dimming
mode and external PWM dimming mode. For
analog dimming mode, apply a 0.4V-to-1.5V DC
signal on the PWM pin to linearly program the
LED current from 0% to 100%. For PWM
dimming, apply an external PWM signal: The
brightness of the LED array is proportional to the
duty cycle of the external PWM signal. Use a
PWM frequency range from 50Hz to 2kHz.
Open-String Protection
The MP3393 uses over-voltage protection (OVP)
to provide open string protection: If one or more
strings are open, then the voltage on the
respective CTLx pin is low and the IC keeps
raising the output voltage until it reaches the
OVP threshold. The part can then discern the
open strings and shut down it because their
CTLx pin voltages are less than 210mV. Once
the part finishes determining the open strings, the
remaining LED strings force the output voltage
back into tight regulation. The string with the
highest voltage drop is the feedback string that
regulates the output voltage.
The MP3393 always tries to light at least one
string: If all strings in use are open, the MP3393
shuts down the step-up converter. The open



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com