Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MP3399 Datasheet(PDF) 14 Page - Monolithic Power Systems

Part # MP3399
Description  12-String, Cascading White LED Driver For Extending LED Channels
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MPS [Monolithic Power Systems]
Direct Link  http://www.monolithicpower.com
Logo MPS - Monolithic Power Systems

MP3399 Datasheet(HTML) 14 Page - Monolithic Power Systems

Back Button MP3399 Datasheet HTML 10Page - Monolithic Power Systems MP3399 Datasheet HTML 11Page - Monolithic Power Systems MP3399 Datasheet HTML 12Page - Monolithic Power Systems MP3399 Datasheet HTML 13Page - Monolithic Power Systems MP3399 Datasheet HTML 14Page - Monolithic Power Systems MP3399 Datasheet HTML 15Page - Monolithic Power Systems MP3399 Datasheet HTML 16Page - Monolithic Power Systems MP3399 Datasheet HTML 17Page - Monolithic Power Systems MP3399 Datasheet HTML 18Page - Monolithic Power Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 19 page
background image
MP3399-12-STRING, CASCADING WHITE LED DRIVER WITH STEP-UP CONTROLLER
MP3399 Rev. 1.0
www.MonolithicPower.com
14
3/27/2013
MPS Proprietary Information. Patent Protected. Unauthorized Photocopy and Duplication Prohibited.
© 2013 MPS. All Rights Reserved.
Figure 4—DC input PWM Dimming
Extending LED Channels applications
The MP3399 is flexible for extending LED
channels with two or more MP3399s in parallel.
For the connection of two MP3399s extending 24
strings LEDs, please see the typical application
diagram in page 2. Tie the VCC pins of the
master IC and the slave IC together to provide
the power of the slave IC internal logic circuitry.
Also tie the COMP pins of the slave IC and the
master IC together to regulate the voltage of all
24 strings LEDs. The MOS driving signals of the
slave IC are not used, the boost converter can be
only driven by the master IC. Do not let the
Isense pin of the slave IC floating, tie it to GND.
The EN and Dimming signals should be applied
to both ICs. It is recommended to use external
PWM dimming mode to achieve the accurate
dimming synchronization of both parts.
Layout Considerations
Careful attention must be paid to the PCB board
layout and components placement. Proper layout
of the high frequency switching path is critical to
prevent noise and electromagnetic interference
problems. The loop of external MOSFET (M2),
output diode (D1), and output capacitor (C5) is
flowing with high frequency pulse current. It must
be as small as possible (See Figure 5).
Figure 5—Layout Consideration
The IC exposed pad is internally connected to
GND pin, and all logic signals are refer to the
GND. The PGND should be externally connected
to GND and is recommended to keep away from
the logic signals.
External MOSFET for Short Protection
When output voltage is higher than rating of
LED1-12 pins, external MOSFET is needed for
each LED channel to avoid destroying LED1 -12
pins. (See Figure 8 for 4 channels application)
The rating of MOSFET must be higher than 1.2*
VOUT t and more than 1.2* ILED.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com