Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MP4012DS Datasheet(PDF) 1 Page - Monolithic Power Systems

Part # MP4012DS
Description  High-Brightness, High-Current Accuracy WLED Controller
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MPS [Monolithic Power Systems]
Direct Link  http://www.monolithicpower.com
Logo MPS - Monolithic Power Systems

MP4012DS Datasheet(HTML) 1 Page - Monolithic Power Systems

  MP4012DS Datasheet HTML 1Page - Monolithic Power Systems MP4012DS Datasheet HTML 2Page - Monolithic Power Systems MP4012DS Datasheet HTML 3Page - Monolithic Power Systems MP4012DS Datasheet HTML 4Page - Monolithic Power Systems MP4012DS Datasheet HTML 5Page - Monolithic Power Systems MP4012DS Datasheet HTML 6Page - Monolithic Power Systems MP4012DS Datasheet HTML 7Page - Monolithic Power Systems MP4012DS Datasheet HTML 8Page - Monolithic Power Systems MP4012DS Datasheet HTML 9Page - Monolithic Power Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 17 page
background image
MP4012
High-Brightness, High-Current Accuracy
WLED Controller
MP4012 Rev. 1.12
www.MonolithicPower.com
1
10/12/2013
MPS Proprietary Information. Patent Protected. Unauthorized Photocopy and Duplication Prohibited.
© 2013 MPS. All Rights Reserved.
The Future of Analog IC Technology
DESCRIPTION
The MP4012 is a current mode controller
designed for driving the high brightness Light
Emitting Diodes (LEDs) from extremely wide
input voltage 8V~55V. It can be used in Boost,
Buck, Buck-boost and SEPIC topologies.
The MP4012 drives external MOSFET with
fixed frequency/constant off-time architecture to
regulate the LED current, which is measured
through an external current sense resistor. Its
feedback voltage can be adjusted by the
external DC bias voltage.
The MP4012 can work in constant frequency
operation mode or constant off time mode. It
features programmable slop compensation that
can optimize the control loop regulation and
avoid sub harmonic oscillation.
The MP4012 implements high frequency PWM
Dimming with external disconnect MOSFET. It
achieves analog dimming by adjusting the
feedback voltage.
The MP4012 has synchronizing function, which
makes multiple ICs synchronized to each other
by connecting SYNC pins together.
The MP4012 includes under-voltage lockout,
over voltage protection, open and short hiccup
mode protection, overload protection and
thermal protection to prevent damage in the
case of fault condition.
The MP4012 is available in a 16-pin SOIC
package.
FEATURES
• Constant-current WLED Controller
• 8V~55V Input Voltage
• Constant Frequency Mode Or Constant Off
Time Mode
• Programmable Switching Frequency or Off-
Time
• Leading Edge Blanking for Current Sense
• High Frequency PWM Dimming and Analog
Dimming
• Output-to-Input Disconnect in Shutdown
Mode
• Synchronization Function
• Programmable Over Voltage Protection
• Open Load Hiccup Mode Protection
• Short Load Hiccup Mode Protection
• Programmable Current Limit
• UVLO, Thermal Shutdown
• Soft Start
• Available in 16-pin SOIC package
APPLICATIONS
• LCD Backlighting Applications
• DC/DC LED Controller Applications
• General Illumination
• Industrial Lighting
• Automotive/ Decorative LED Lighting
All MPS parts are lead-free and adhere to the RoHS directive. For MPS green
status, please visit MPS website under Quality Assurance. “MPS” and “The
Future of Analog IC Technology” are Registered Trademarks of Monolithic
Power Systems, Inc.


Similar Part No. - MP4012DS

ManufacturerPart #DatasheetDescription
logo
Monolithic Power System...
MP4012DS MPS-MP4012DS Datasheet
223Kb / 6P
Boost White LED Driver For TV Backlighting Application
More results

Similar Description - MP4012DS

ManufacturerPart #DatasheetDescription
logo
LEM
IT150-S LEM-IT150-S Datasheet
67Kb / 2P
HIGH ACCURACY CURRENT TRANSDUCER
logo
Micrel Semiconductor
MIC3203 MICREL-MIC3203 Datasheet
767Kb / 21P
High-Brightness LED Driver Controller with High-Side Current Sense
MAQ3203 MICREL-MAQ3203 Datasheet
786Kb / 23P
High-Brightness LED Driver Controller with High-Side Current Sense
MAQ3203YM MICREL-MAQ3203YM Datasheet
786Kb / 23P
High-Brightness LED Driver Controller with High-Side Current Sense
logo
STMicroelectronics
UM0422 STMICROELECTRONICS-UM0422 Datasheet
252Kb / 14P
Constant current controller for high brightness LEDs
25-Feb-2008
logo
Texas Instruments
TPS61169 TI1-TPS61169 Datasheet
1Mb / 24P
High Current-Boost WLED Driver
logo
Micrel Semiconductor
MAQ3203 MICREL-MAQ3203_15 Datasheet
1Mb / 23P
High-Brightness LED Driver Controller with High-Side Current Sense
logo
TALEMA Group. LLC
ACX-1050 TALEMA-ACX-1050 Datasheet
419Kb / 2P
High Accuracy Current Transformers
logo
Monolithic Power System...
EV4008-S-00A MPS-EV4008-S-00A Datasheet
509Kb / 7P
High-Brightness High-Current Accuracy WLED Controller
EV4013-S-00A MPS-EV4013-S-00A Datasheet
350Kb / 9P
High-Brightness High-Current Accuracy WLED Controller
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com