Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AA280 Datasheet(PDF) 2 Page - Alpha Industries

Part # AA280
Description  GaAs IC 5 Bit Digital Attenuator 0.5 dB LSB DC-2 GHz
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ALPHA [Alpha Industries]
Direct Link  http://www.alphaind.com
Logo ALPHA - Alpha Industries

AA280 Datasheet(HTML) 2 Page - Alpha Industries

  AA280 Datasheet HTML 1Page - Alpha Industries AA280 Datasheet HTML 2Page - Alpha Industries AA280 Datasheet HTML 3Page - Alpha Industries AA280 Datasheet HTML 4Page - Alpha Industries AA280 Datasheet HTML 5Page - Alpha Industries  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
GaAs IC 5 Bit Digital Attenuator 0.5 dB LSB DC–2 GHz
AA280-25
2
Alpha Industries, Inc. [781] 935-5150
• Fax [617] 824-4579 • Email sales@alphaind.com • www.alphaind.com
Specifications subject to change without notice. 11/00A
Frequency (GHz)
Insertion Loss vs. Frequency
0
0.5
1.0
1.5
2.0
-2.00
-1.75
-1.50
-1.25
-1.00
-0.75
-0.50
+25˚C
+85˚C
-40˚C
Attenuation (dB)
IP3 vs. Attenuation and Temperature
46
48
50
52
54
56
58
012 3 456 789 10 11 12 13 14 15
+25˚C
+85˚C
-40˚C
Frequency (GHz)
VSWR vs. Frequency (25˚C)
0
0.5
1.0
1.5
2.0
1.0
1.1
1.2
1.3
1.4
1.5
Ins. Loss
0.5 dB
1 dB
2 dB
4 dB
8 dB
15.5 dB
Frequency (GHz)
VSWR vs. Frequency (85˚C)
0
0.5
1.0
1.5
2.0
1.0
1.1
1.2
1.3
1.4
1.5
Ins. Loss
0.5 dB
1 dB
2 dB
4 dB
8 dB
15.5 dB
Frequency (GHz)
VSWR vs. Frequency (-40˚C)
0
0.5
1.0
1.5
2.0
1.0
1.1
1.2
1.3
1.4
1.5
Ins. Loss
0.5 dB
1 dB
2 dB
4 dB
8 dB
15.5 dB
Typical Performance Data (0, -5 V)
Compression Point vs. Attenuation,
Voltage, and Temperature
Attenuation
Control
Input Power @ 1 dB Compression
State
Voltage (V) +25°C (dBm) +85°C (dBm) -40°C (dBm)
Ins. Loss
-5
28.30
28.10
29.10
0.5 dB
-5
28.50
28.30
29.40
1.0 dB
-5
28.70
28.70
29.60
2.0 dB
-5
28.40
28.30
29.10
4.0 dB
-5
32.90
32.90
33.90
8.0 dB
-5
36.80
36.80
36.80
15.5 dB
-5
32.70
32.10
32.80



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com