| Electronic Components Datasheet Search |
|
AD526AD Datasheet(PDF) 13 Page - Analog Devices |
|
|
|||||||||||||||||||||||||||||
AD526AD Datasheet(HTML) 13 Page - Analog Devices |
|
13 / 14 page ![]() AD526 REV. D –13– HIGH ACCURACY A/D CONVERTERS Very high accuracy and high resolution floating-point A/D con- verters can be achieved by the incorporation of offset and gain calibration routines. There are two techniques commonly used for calibration, a hardware circuit as shown in Figure 43 and/or a software routine. In this application the microprocessor is functioning as the autoranging circuit, requiring software over- head; therefore, a hardware calibration technique was applied which reduces the software burden. The software is used to set the gain of the AD526. In operation the signal is converted, and if the MSB of the AD574 is not equal to a Logical 1, the gain is increased by binary steps, up to the maximum gain. This maxi- mizes the full-scale range of the conversion process and insures a wide dynamic range. The calibration technique uses two point correction, offset and gain. The hardware is simplified by the use of programmable magnitude comparators, the 74ALS528s, which can be “burned” for a particular code. In order to prevent under or over range hunting during the calibration process, the reference offset and gain codes should be different from the endpoint codes. A cali- bration cycle consists of selecting whether gain or offset is to be calibrated then selecting the appropriate multiplexer channel to apply the reference voltage to the signal channel. Once the op- eration has been initiated, the counter, a 74ALS869, drives the D/A converter in a linear fashion providing a small correction voltage to either the gain or offset trim point of the AD574. The output of the A/D converter is then compared to the value pre- set in the 74ALS528 to determine a match. Once a match is detected, the 74ALS528 produces a low going pulse which stops the counter. The code at the D/A converter is latched until the next calibration cycle. Calibration cycles are under the control of the microprocessor in this application and should be imple- mented only during periods of converter inactivity. A2 A1 A4 A3 AD588 NOISE REDUCTION R8 R1 R2 R3 R4 R5 R6 1 F +VS –VS –5V +5V +15V –15V SYS GND 0.1 F 0.1 F AD7501 VIN1 VIN2 VIN3 VIN4 DECODED ADDRESS AD526 DECODED ADDRESS WR WR ADDRESS BUS 10k –15V +15V AD585 –15V +15V 200pF F S 21 7404 OP27 +15V –15V VREF DE- CODED ADD WR + + +15V –15V +5V 10 F 10 F MSB LSB +5V 50k 1k AD574 DATA BUS 12 12 MSB LSB 74ALS 528 GAIN P = Q +5V MSB LSB 74ALS 528 OFFSET P = Q +5V 7475 7475 1/2 +5V +5V 7475 1/2 7400 1 3 2 7400 6 4 5 PIN 28 AD574 ADG221 CONTROL LOGIC INPUT BUFFER LATCH DAC A LATCH DAC B AD7628 WR A/B VREF VREF WR 74ALS 869 MSB LSB CALIBRATION PRESET VALUE +5V +5V 5k RFB A RFB A RFB A RFB B A1 C12 R21 OUT A AD712 R72 10k A2 AD712 R62 20k PIN 15 AD588 R5 20k R11 5k A3 C22 R41 OUT B AD712 AGND AGND R92 10k R102 20k PIN 15 AD588 A2 AD712 R8 20k R12 5k AGND OFFSET GAIN NOTE: ALL BYPASS CAPACITORS ARE 0.1 F Figure 43. High Accuracy A/D Converter |
|
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |