Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AF002N2-32 Datasheet(PDF) 2 Page - Alpha Industries

Part # AF002N2-32
Description  GaAs IC 15 dB Voltage Variable Attenuator Single Control DC-2 GHz
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ALPHA [Alpha Industries]
Direct Link  http://www.alphaind.com
Logo ALPHA - Alpha Industries

AF002N2-32 Datasheet(HTML) 2 Page - Alpha Industries

  AF002N2-32 Datasheet HTML 1Page - Alpha Industries AF002N2-32 Datasheet HTML 2Page - Alpha Industries  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
2
Alpha Industries, Inc. [781] 935-5150
• Fax [617] 824-4579 • Email sales@alphaind.com • www.alphaind.com
Specifications subject to change without notice. 3/99A
GaAs IC 15 dB Voltage Variable Attenuator Single Control DC–2 GHz
AF002N2-32
5
4
3
2
1
2
1
Frequency (GHz)
Insertion Loss vs. Frequency
DC
+85˚C
-40˚C
Typical Performance Data (0, -5 V)
4
2
1
J2
J1
CBP
VS
V1
10 k
Ω
CBL
CBL
GND
3
Characteristic
Value
RF Input Power
10 mW > 500 MHz 0/-8 V
4 mW @ 50 MHz 0/-8 V
Control Voltage
+0.2 V, -10 V
Operating Temperature
-40°C to +85°C
Storage Temperature
-65°C to +150°C
ΘJC
25°C/W
Absolute Maximum Ratings
Optimum Tuning for Maximum Attenuation
Pin Out
Note: Operating this device above any of these parameters may cause
irreversible damage.
-5
-4
-3
-2
-1
0
Attenuation (dB)
Attenuation vs. Control Voltage
3
6
9
12
15
18
21
F = 500 MHz
40
35
30
25
20
15
Attenuation (dB)
Attenuation vs. IP3
Two Tone Testing
at 70 and 71 MHz
PIN = 0 dBm
3
6
9
12
15
18
21
V1
Attenuation J1–J2
-5
Insertion Loss
0
Full Attenuation
Truth Table
Negative Voltage Operation
Positive Voltage Operation
V1
Attenuation J1–J2
VHigh
Full Attenuation
0
Insertion Loss
VHigh = +5 V to +8 V (VS = VHigh ± 0.2 V).
External components for positive voltage operation only.
CBL = 100 pF.
F (MHz)
CBP
Typical Maximum Attenuation
130
220 pF
21
730
15 pF
21
1925
1.6 pF
21



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com