Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LDC12-18-R70 Datasheet(PDF) 2 Page - TDK Electronics

Part # LDC12-18-R70
Description  INNOVATING RELIABLE POWER
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TDK [TDK Electronics]
Direct Link  http://www.tdk.com
Logo TDK - TDK Electronics

LDC12-18-R70 Datasheet(HTML) 2 Page - TDK Electronics

  LDC12-18-R70 Datasheet HTML 1Page - TDK Electronics LDC12-18-R70 Datasheet HTML 2Page - TDK Electronics LDC12-18-R70 Datasheet HTML 3Page - TDK Electronics LDC12-18-R70 Datasheet HTML 4Page - TDK Electronics  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
2
LD12 Series
Model Selector
Output
Output
Min. Output
Output
Maximum
Ripple
Model
CV/CC
Voltage (V)
Accuracy
Current (A)
Current (A)
Average Power
& Noise
LDC12-36-R35
CC
3 - 36V
0.33 - 0.37A
-
0.35A
12.6W
-
LDC12-18-R70
CC
3 - 18V
0.66 - 0.735A
-
0.7A
12.6W
-
LDV12-12-1R0
CV
12
11.4 - 12.6V
0.1A
1A
12W
100mV
LDV12-15-R80
CV
15
14.25 - 15.75V
0.08A
0.8A
12W
100mV
LDV12-24-R50
CV
24
22.8 - 25.2V
0.05A
0.5A
12W
150mV
For full data and drawings please visit
www.emea.tdk-lambda.com/www/ld
Outline Drawing LD12 Series



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com