Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LRMAM1206-R01FT4 Datasheet(PDF) 1 Page - List of Unclassifed Manufacturers

Part # LRMAM1206-R01FT4
Description  Low Resistance Metal Alloy Resistor
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

LRMAM1206-R01FT4 Datasheet(HTML) 1 Page - List of Unclassifed Manufacturers

  LRMAM1206-R01FT4 Datasheet HTML 1Page - List of Unclassifed Manufacturers LRMAM1206-R01FT4 Datasheet HTML 2Page - List of Unclassifed Manufacturers LRMAM1206-R01FT4 Datasheet HTML 3Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
Low Resistance
Metal Alloy Resistor
LRMA Series
www.bitechnologies.com www.irctt.com www.welwyn-tt.com
General Note
TT electronics reserves the right to make changes in product specification without notice or liability.
All information is subject to TT electronics’ own data and is considered accurate at time of going to print.
© TT electronics plc
09. 11
· Resistance range 1 to 100mΩ
· High temperature operation to 170°C
· Low thermal EMF version
· High power version
· Current sensing for power electronics
· RoHS compliant & halogen free
Low Resistance Metal Alloy Resistor
LRMA Series
Resistance range 1 to 100mΩ
High temperature operation to 170°C
Low thermal EMF version
High power version
Current sensing for power electronics
RoHS compliant & halogen free
Electrical Data
LRMA Version
T (Standard)
P (Power)
Size
2512
2512
Power rating @70°C
W
≤R01: 2, >R01: 1
3
Overload rating (5s)
W
≤R01: 10, >R01: 5
15
Resistance range
mΩ
1 to 50
3 to 100
Standard values 1
mΩ
1, 1.5, 2, 3, 4, 5, 7, 8, 9, 10,
11, 12, 15, 18, 20, 25, 30, 33, 40, 50
3, 5, 10, 11, 15,
20, 25, 30, 40, 50, 80, 100
Resistance tolerance
%
1, 5
TCR (25 to 125°C)
ppm/°C
>R01: ±75
>R001 & ≤R01: ±100,
R001: ±275
Ambient temperature
°C
-55 to 170
Insulation resistance
MΩ
>100
Element alloy
Cu-Ni or Mn-Cu
Coating
Black
LRMA Version
M (Low thermal EMF)
N (Inverse)
Size
1206
2512
0815
Power rating @70°C
W
1
≤R02: 2, >R02: 1
1 2
Overload rating (5s)
W
5
≤R02: 10, >R02: 5
5
Resistance range
mΩ
5 to 30
5 to 40
1 to 30
Standard values 1
mΩ
5, 10, 15, 20, 25, 30
5, 10, 20, 30, 40
1, 6, 8, 10,
15, 20, 25, 30
Resistance tolerance
%
1, 5
TCR (25 to 125°C)
ppm/°C
>R01: ±75,
≤R01: ±100
±100
Ambient temperature
-55 to 170°C
Insulation resistance
MΩ
>100
Element alloy
Mn-Cu
Cu-Ni
Coating
Black
Green
Black
Notes: 1. Non-standard values may be available for high volume requirements. 2. Requires 300mm2 copper pad & trace area
Physical Data (All dimensions inmm and nominal weight in g)
Size
L
W
C
t
Wt
1206
3.2 ±0.2
1.6 ±0.2
0.5 ±0.3
0.6 ±0.2
18.3
0815
2.1 ±0.25
3.75 ±0.3
0.5 ±0.2
0.7 ±0.2
14.1
2512
≤R002
2.0 ±0.2
2512
>R002
6.4 ±0.2
3.2 ±0.2
0.9 ±0.2
0.65 ±0.25
57 to 63
General Note
08/10
Welwyn Components reserves the right to make changes in product specification without notice or liability
All information is subject to Welwyn’s own data and is considered accurate at time of going to print.
Welwyn Components Limited Bedlington, Northumberland NE22 7AA, UK
Telephone: +44 (0) 1670 822181 • Facsimile: +44 (0) 1670 829465 • Email: info@welwyn-tt.com • Website: www.welwyn-tt.com


Similar Part No. - LRMAM1206-R01FT4

ManufacturerPart #DatasheetDescription
logo
TT Electronics.
LRMA TTELEC-LRMA Datasheet
679Kb / 3P
Low thermal EMF version
logo
RFE international
LRMA RFE-LRMA Datasheet
1Mb / 9P
SURFACE MOUNT RESISTORS
2022.03.23
LRMA080505D0M20FA RFE-LRMA080505D0M20FA Datasheet
1Mb / 9P
SURFACE MOUNT RESISTORS
2022.03.23
LRMA080505D0M20FZ RFE-LRMA080505D0M20FZ Datasheet
1Mb / 9P
SURFACE MOUNT RESISTORS
2022.03.23
LRMA080505D0M20MA RFE-LRMA080505D0M20MA Datasheet
1Mb / 9P
SURFACE MOUNT RESISTORS
2022.03.23
More results

Similar Description - LRMAM1206-R01FT4

ManufacturerPart #DatasheetDescription
logo
KOA Speer Electronics, ...
TLR2BDTE KOA-TLR2BDTE Datasheet
89Kb / 4P
Chip-Type Metal Plate Low-Resistance Resistor
logo
IRC - a TT electronics ...
LOB-1R010JLFLT IRCTT-LOB-1R010JLFLT Datasheet
158Kb / 3P
Low Resistance Metal Element Resistor
logo
RFE international
LR1WMR RFE-LR1WMR Datasheet
151Kb / 2P
SURFACE MOUNT LR Series: Metal Alloy, Very Low Resistance RESISTORS
logo
MERITEK ELECTRONICS COR...
MLR MERITEK-MLR Datasheet
191Kb / 4P
Metal Alloy Low-Ohmic Current Sensing Resistor
logo
KOA Speer Electronics, ...
TLR1EDTP2L00F KOA-TLR1EDTP2L00F Datasheet
281Kb / 2P
metal plate chip type low resistance resistor
logo
Bourns Electronic Solut...
CRF2512 BOURNS-CRF2512 Datasheet
133Kb / 1P
Metal Alloy Current Sense Resistor
logo
KOA Speer Electronics, ...
JT-102 KOA-JT-102 Datasheet
287Kb / 3P
high heat resistance metal film chip resistor
TLR1E-2A-TLRZ KOA-TLR1E-2A-TLRZ Datasheet
406Kb / 2P
metal plate chip type low resistance resistor
logo
Stackpole Electronics, ...
CSRT-AS SEI-CSRT-AS Datasheet
322Kb / 7P
Anti-sulfur Metal Film Low Resistance Chip Resistor
5/20/2022
CSSK SEI-CSSK Datasheet
348Kb / 5P
Kelvin Termination Metal Alloy Current Sensing Resistor
3/29/2022
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com