Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AOTF42S60 Datasheet(PDF) 2 Page - Alpha & Omega Semiconductors

Part # AOTF42S60
Description  600V 42A aMOSTM Power Transistor
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AOSMD [Alpha & Omega Semiconductors]
Direct Link  http://www.aosmd.com
Logo AOSMD - Alpha & Omega Semiconductors

AOTF42S60 Datasheet(HTML) 2 Page - Alpha & Omega Semiconductors

  AOTF42S60 Datasheet HTML 1Page - Alpha & Omega Semiconductors AOTF42S60 Datasheet HTML 2Page - Alpha & Omega Semiconductors AOTF42S60 Datasheet HTML 3Page - Alpha & Omega Semiconductors AOTF42S60 Datasheet HTML 4Page - Alpha & Omega Semiconductors AOTF42S60 Datasheet HTML 5Page - Alpha & Omega Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
AOS Reliability Report
2
This report applies for 600V 42A
ααααMOSTM Power Transistor
AOTF42S60.
AOTF42S60 has been fabricated using the advanced
αMOSTM high voltage process that is designed
to deliver high levels of performance and robustness in switching applications.
By providing low RDS(on), Qg and EOSS along with guaranteed avalanche capability these parts can be
adopted quickly into new and existing offline power supply designs.
For Halogen Free add "L" suffix to part number:
AOTTF42S60L
“Commitment to Excellence at Quality & Reliability!”
To achieve this vision, AOS continuously strive for the excellence in design, manufacturing, reliability
and proactively response to the customer’s feedback.
AOS ensures that all the product quality and reliability exceed the customer’s expectation by
constantly assessing any potential risk, identifying cause of the suspected failures, driving corrective
actions and developing prevention plan within the committed time through the continuously
improvement.
This AOS product reliability report summarizes AOS Product Reliability result. The published product
reliability data combines the results from new product Qualification Test Plan and routine Reliability
Program activities. Accelerated environmental tests are performed on a specific sample size, and
then followed by electrical test at end point. The released product will be categorized by the process
family and be monitored on a quarterly basis for continuously improving the product quality. Table 1
lists the generic reliability qualification requirements and conditions:
Table 1: AOS Generic Reliability Qualification Requirements
Test Item
Test Condition
Time Point
Sample
size
Acc/Reject
HTGB
Temp = 150
°c ,
Vgs=100% of Vgsmax
168 / 500 hrs
1000 hrs
77 pcs / lot
0/1
HTRB
Temp = 150
°C ,
Vds=80% of Vdsmax
168 / 500 hrs
1000 hrs
77 pcs / lot
0/1
Solder reflow
precondition
168hr 85
°c /85%RH +
3 cycle reflow
@250
°c
(MSL level 1)
-
The sum of
PCT ,TC and
HAST
0/1
HAST
130 +/- 2
°C ,
85%RH, 33.3 psi,
Vgs = 100% of Vgs max
100 hrs
55 pcs / lot
0/1
Pressure Pot
121
°C , 29.7psi,
100%RH
96 hrs
77 pcs / lot
0/1
Temperature
Cycle
-65
°C to 150°C,
air to air,
250 / 500
cycles
77 pcs / lot
0/1
Power Cycle
∆ Tj = 125 °C
4286 cycles
77 pcs / lot
0/1



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com