| Electronic Components Datasheet Search |
|
MCP606T Datasheet(PDF) 1 Page - Microchip Technology |
|
|
|||||||||||||||||||||||||||||
MCP606T Datasheet(HTML) 1 Page - Microchip Technology |
|
1 / 32 page ![]() © 2008 Microchip Technology Inc. DS11177E-page 1 MCP606/7/8/9 Features • Low Input Offset Voltage: 250 µV (maximum) • Rail-to-Rail Output • Low Input Bias Current: 80 pA (maximum at +85°C) • Low Quiescent Current: 25 µA (maximum) • Power Supply Voltage: 2.5V to 6.0V • Unity-Gain Stable • Chip Select (CS) Capability: MCP608 • Industrial Temperature Range: -40°C to +85°C • No Phase Reversal • Available in Single, Dual and Quad Packages Typical Applications • Battery Power Instruments • High-Impedance Applications • Strain Gauges • Medical Instruments • Test Equipment Design Aids • SPICE Macro Models • FilterLab® Software • Mindi™ Circuit Designer & Simulator • Analog Demonstration and Evaluation Boards • Application Notes Typical Application Description The MCP606/7/8/9 family of operational amplifiers (op amps) from Microchip Technology Inc. are unity-gain stable with low offset voltage (250 µV, maximum). Performance characteristics include rail-to-rail output swing capability and low input bias current (80 pA at +85°C, maximum). These features make this family of op amps well suited for single-supply, precision, high-impedance, battery-powered applications. The single is available in standard 8-lead PDIP, SOIC and TSSOP packages, as well as in a SOT-23-5 package. The single MCP608 with Chip Select (CS) is offered in the standard 8-lead PDIP, SOIC and TSSOP packages. The dual MCP607 is offered in the standard 8-lead PDIP, SOIC and TSSOP packages. Finally, the quad MCP609 is offered in the standard 14-lead PDIP, SOIC and TSSOP packages. All devices are fully specified from -40°C to +85°C, with power supplies from 2.5V to 6.0V. Package Types Low-Side Battery Current Sensor RF To Load 2.5V RG MCP606 5k Ω 50 k Ω To Load VOUT RSEN 10 Ω (VLM) (VLP) IL to 6.0V V OUT V LM I + L R SEN R F R G ⁄ () = VIN+ VIN– VSS VDD VOUT 1 2 3 4 8 7 6 5 NC NC NC MCP606 PDIP, SOIC,TSSOP MCP607 PDIP, SOIC,TSSOP MCP608 PDIP, SOIC,TSSOP MCP609 PDIP, SOIC,TSSOP MCP606 SOT-23-5 VIN+ VSS VIN– 1 2 3 5 4 VDD VOUT VINA+ VINA– VSS VOUTB VINB– 1 2 3 4 8 7 6 5 VINB+ VDD VOUTA VIN+ VIN– VSS VDD VOUT 1 2 3 4 8 7 6 5 NC CS NC VINA+ VINA– VDD VIND– VIND+ 1 2 3 4 14 13 12 11 VSS VOUTD VOUTA VINB– VINB+ VOUTB VINC+ VINC– 5 6 7 10 9 8 VOUTC 2.5V to 6.0V Micropower CMOS Op Amp |
Similar Part No. - MCP606T |
|
Similar Description - MCP606T |
|
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |