Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MCP1640 Datasheet(PDF) 5 Page - Microchip Technology

Part # MCP1640
Description  0.65V Start-up Synchronous Boost Regulator with True Output Disconnect or Input/Output Bypass Option
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MCP1640 Datasheet(HTML) 5 Page - Microchip Technology

  MCP1640 Datasheet HTML 1Page - Microchip Technology MCP1640 Datasheet HTML 2Page - Microchip Technology MCP1640 Datasheet HTML 3Page - Microchip Technology MCP1640 Datasheet HTML 4Page - Microchip Technology MCP1640 Datasheet HTML 5Page - Microchip Technology MCP1640 Datasheet HTML 6Page - Microchip Technology MCP1640 Datasheet HTML 7Page - Microchip Technology MCP1640 Datasheet HTML 8Page - Microchip Technology MCP1640 Datasheet HTML 9Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 32 page
background image
 2010 Microchip Technology Inc.
DS22234A-page 5
MCP1640/B/C/D
2.0
TYPICAL PERFORMANCE CURVES
Note: Unless otherwise indicated, VIN = EN = 1.2V, COUT =CIN =10 µF, L =4.7 µH, VOUT =3.3V, ILOAD =15 mA, TA =+25°C.
FIGURE 2-1:
VOUT IQ vs. Ambient
Temperature in PFM Mode.
FIGURE 2-2:
VOUT IQ vs. Ambient
Temperature in PWM Mode.
FIGURE 2-3:
Maximum IOUT vs. VIN.
FIGURE 2-4:
2.0V VOUT PFM / PWM
Mode Efficiency vs. IOUT.
FIGURE 2-5:
3.3V VOUT PFM / PWM
Mode Efficiency vs. IOUT.
FIGURE 2-6:
5.0V VOUT PFM / PWM
Mode Efficiency vs. IOUT.
Note:
The graphs and tables provided following this note are a statistical summary based on a limited number of
samples and are provided for informational purposes only. The performance characteristics listed herein are
not tested or guaranteed. In some graphs or tables, the data presented may be outside the specified
operating range (e.g., outside specified power supply range) and therefore outside the warranted range.
10.0
12.5
15.0
17.5
20.0
22.5
25.0
27.5
-40
-25
-10
5
20
35
50
65
80
Ambient Temperature (°C)
VOUT = 2.0V
V
OUT = 5.0V
V
OUT = 3.3V
VIN = 1.2V
150
175
200
225
250
275
300
-40
-25
-10
5
20
35
50
65
80
Ambient Temperature (°C)
VOUT = 3.3V
VOUT = 5.0V
VIN = 1.2V
0
100
200
300
400
500
600
00.511.522.533.544.5
5
VIN (V)
VOUT = 3.3V
VOUT = 2.0V
VOUT = 5.0V
0
10
20
30
40
50
60
70
80
90
100
0.01
0.1
1
10
100
1000
IOUT (mA)
V
OUT = 2.0V
VIN = 0.8V
V
IN = 1.2V
VIN = 1.6V
PWM / PFM
PWM ONLY
0
10
20
30
40
50
60
70
80
90
100
0.01
0.1
1
10
100
1000
IOUT (mA)
VOUT = 3.3V
VIN = 0.8V
VIN = 1.2V
VIN = 2.5V
PWM / PFM
PWM ONLY
0
10
20
30
40
50
60
70
80
90
100
0.01
0.1
1
10
100
1000
IOUT (mA)
PWM / PFM
PWM ONLY
VOUT = 5.0V
VIN = 1.2V
VIN = 1.8V
VIN = 2.5V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com