Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MCP1700 Datasheet(PDF) 13 Page - Microchip Technology

Part # MCP1700
Description  Low Quiescent Current LDO
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MCP1700 Datasheet(HTML) 13 Page - Microchip Technology

Back Button MCP1700 Datasheet HTML 9Page - Microchip Technology MCP1700 Datasheet HTML 10Page - Microchip Technology MCP1700 Datasheet HTML 11Page - Microchip Technology MCP1700 Datasheet HTML 12Page - Microchip Technology MCP1700 Datasheet HTML 13Page - Microchip Technology MCP1700 Datasheet HTML 14Page - Microchip Technology MCP1700 Datasheet HTML 15Page - Microchip Technology MCP1700 Datasheet HTML 16Page - Microchip Technology MCP1700 Datasheet HTML 17Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 24 page
background image
© 2007 Microchip Technology Inc.
DS21826B-page 13
MCP1700
6.0
APPLICATION CIRCUITS &
ISSUES
6.1
Typical Application
The MCP1700 is most commonly used as a voltage
regulator. It’s low quiescent current and low dropout
voltage make it ideal for many battery-powered
applications.
FIGURE 6-1:
Typical Application Circuit.
6.1.1
APPLICATION INPUT CONDITIONS
6.2
Power Calculations
6.2.1
POWER DISSIPATION
The internal power dissipation of the MCP1700 is a
function of input voltage, output voltage and output
current. The power dissipation, as a result of the
quiescent current draw, is so low, it is insignificant
(1.6 µA x VIN). The following equation can be used to
calculate the internal power dissipation of the LDO.
EQUATION 6-1:
The
maximum
continuous
operating
junction
temperature specified for the MCP1700 is +125°C. To
estimate the internal junction temperature of the
MCP1700, the total internal power dissipation is
multiplied by the thermal resistance from junction to
ambient (R
θJA). The thermal resistance from junction to
ambient for the SOT-23 pin package is estimated at
230°C/W.
EQUATION 6-2:
The maximum power dissipation capability for a
package can be calculated given the junction-to-
ambient thermal resistance and the maximum ambient
temperature for the application. The following equation
can be used to determine the package maximum
internal power dissipation.
EQUATION 6-3:
EQUATION 6-4:
EQUATION 6-5:
Package Type = SOT-23
Input Voltage Range = 2.3V to 3.2V
VIN maximum = 3.2V
VOUT typical = 1.8V
IOUT = 150 mA maximum
MCP1700
GND
VOUT
VIN
CIN
1µF Ceramic
COUT
1 µF Ceramic
VOUT
VIN
(2.3V to 3.2V)
1.8V
IOUT
150 mA
PLDO
VIN MAX)
()
VOUT MIN
()
–
() I
OUT MAX
)
()
×
=
PLDO = LDO Pass device internal power dissipation
VIN(MAX) = Maximum input voltage
VOUT(MIN) = LDO minimum output voltage
TJMAX
()
PTOTAL RθJA
×
TAMAX
+
=
TJ(MAX) = Maximum continuous junction
temperature.
PTOTAL = Total device power dissipation.
R
θJA = Thermal resistance from junction to ambient.
TAMAX = Maximum ambient temperature.
PDMAX
()
TJMAX
()
TAMAX
()
–
()
R
θ
JA
---------------------------------------------------
=
PD(MAX) = Maximum device power dissipation.
TJ(MAX) = Maximum continuous junction
temperature.
TA(MAX) = Maximum ambient temperature.
R
θJA = Thermal resistance from junction to ambient.
TJRISE
()
PDMAX
()
R
θ
JA
×
=
TJ(RISE) = Rise in device junction temperature over
the ambient temperature.
PTOTAL = Maximum device power dissipation.
R
θJA = Thermal resistance from junction to ambient.
TJ
TJRISE
()
TA
+
=
TJ = Junction Temperature.
TJ(RISE) = Rise in device junction temperature over
the ambient temperature.
TA = Ambient temperature.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com