Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MCP1727 Datasheet(PDF) 19 Page - Microchip Technology

Part # MCP1727
Description  1.5A, Low Voltage, Low Quiescent Current LDO Regulator
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MCP1727 Datasheet(HTML) 19 Page - Microchip Technology

Back Button MCP1727 Datasheet HTML 15Page - Microchip Technology MCP1727 Datasheet HTML 16Page - Microchip Technology MCP1727 Datasheet HTML 17Page - Microchip Technology MCP1727 Datasheet HTML 18Page - Microchip Technology MCP1727 Datasheet HTML 19Page - Microchip Technology MCP1727 Datasheet HTML 20Page - Microchip Technology MCP1727 Datasheet HTML 21Page - Microchip Technology MCP1727 Datasheet HTML 22Page - Microchip Technology MCP1727 Datasheet HTML 23Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 19 / 32 page
background image
© 2007 Microchip Technology Inc.
DS21999B-page 19
MCP1727
4.9
Overtemperature Protection
The MCP1727 LDO has temperature-sensing circuitry
to prevent the junction temperature from exceeding
approximately 150°C. If the LDO junction temperature
does reach 150°C, the LDO output will be turned off
until the junction temperature cools to approximately
140°C, at which point the LDO output will automatically
resume normal operation. If the internal power
dissipation continues to be excessive, the device will
again shut off. The junction temperature of the die is a
function of power dissipation, ambient temperature
and package thermal resistance. See Section 5.0
“Application Circuits/Issues” for more information
on LDO power dissipation and junction temperature.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com