Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MCP201E Datasheet(PDF) 11 Page - Microchip Technology

Part # MCP201E
Description  LIN Transceiver with Voltage Regulator
PDF  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MCP201E Datasheet(HTML) 11 Page - Microchip Technology

Back Button MCP201E Datasheet HTML 7Page - Microchip Technology MCP201E Datasheet HTML 8Page - Microchip Technology MCP201E Datasheet HTML 9Page - Microchip Technology MCP201E Datasheet HTML 10Page - Microchip Technology MCP201E Datasheet HTML 11Page - Microchip Technology MCP201E Datasheet HTML 12Page - Microchip Technology MCP201E Datasheet HTML 13Page - Microchip Technology MCP201E Datasheet HTML 14Page - Microchip Technology MCP201E Datasheet HTML 15Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 40 page
background image
© 2007 Microchip Technology Inc.
DS21730F-page 11
MCP201
FIGURE 1-6:
VOLTAGE REGULATOR OUTPUT ON OVERCURRENT SITUATION
1.7
ICSP™ Considerations
The following should be considered when the MCP201
is connected to pins supporting in-circuit programming:
• Power used for programming the microcontroller
should be supplied from the programmer, not from
the MCP201
• The MCP201 should be left unpowered
• The voltage on VREG should not exceed the
maximum output voltage of VREG
• The TXD pin should not be brought high during
programming
Note 1:
IREG less than 50 mA, regulator on.
2:
After IREG exceeds IREGmax, voltage regulator output will be reduced
until VREGoff is reached.
5
3.5
3
0
VREG
V
---------------
(1)
(2)
t
0
t
50
6
IREG
mA
-------------



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com