Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AM028S2-A2 Datasheet(PDF) 2 Page - Alpha Industries

Part # AM028S2-A2
Description  26-33 GHz Surface Mount Single Balanced Up Converter Mixer
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ALPHA [Alpha Industries]
Direct Link  http://www.alphaind.com
Logo ALPHA - Alpha Industries

AM028S2-A2 Datasheet(HTML) 2 Page - Alpha Industries

  AM028S2-A2 Datasheet HTML 1Page - Alpha Industries AM028S2-A2 Datasheet HTML 2Page - Alpha Industries AM028S2-A2 Datasheet HTML 3Page - Alpha Industries AM028S2-A2 Datasheet HTML 4Page - Alpha Industries  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
26–33 GHz Surface Mount Single Balanced Up Converter Mixer
AM028S2-A2
2
Alpha Industries, Inc. [781] 935-5150
• Fax [617] 824-4579 • Email sales@alphaind.com • www.alphaind.com
Specifications subject to change without notice. 6/01A
RF Frequency (GHz)
Conversion Loss
FLO = FRF - 1 GHz
4
6
8
10
12
26
28
30
32
34
36
PLO = 8 dBm
PLO = 10 dBm
PLO = 12 dBm
Frequency (GHz)
Isolation
FLO = FRF - 1 GHz, PLO = 10 dBm
-40
-30
-20
-10
0
25
27
29
31
33
35
RF/IF
LO/IF
LO/RF
IF Frequency (GHz)
IF Bandwidth
FLO = 26 GHz, FRF = FLO + FIF
02468
10
4
6
8
10
12
14
16
18
RF Frequency (GHz)
RF and LO Return Loss
For RF Return Loss:
FLO = 28.5 GHz, PLO = 10 dBm
-20
-10
0
25
27
29
31
33
35
RF
LO
IF Frequency (GHz)
IF Return Loss
FLO = 28.5 GHz, PLO = 10 dBm
02468
10
-20
-10
0
IF Input Power (dBm)
Input Power
FLO = 26.5 GHz, FRF = 27.5 GHz,
PLO = 10 dBm
4
6
8
10
12
-10
-15
-5
0
5
10
P1 dB = 0 dBm
Typical Performance Data



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com