Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MCP2120-IP Datasheet(PDF) 24 Page - Microchip Technology

Part # MCP2120-IP
Description  Infrared Encoder/Decoder
PDF  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MCP2120-IP Datasheet(HTML) 24 Page - Microchip Technology

Back Button MCP2120-IP Datasheet HTML 20Page - Microchip Technology MCP2120-IP Datasheet HTML 21Page - Microchip Technology MCP2120-IP Datasheet HTML 22Page - Microchip Technology MCP2120-IP Datasheet HTML 23Page - Microchip Technology MCP2120-IP Datasheet HTML 24Page - Microchip Technology MCP2120-IP Datasheet HTML 25Page - Microchip Technology MCP2120-IP Datasheet HTML 26Page - Microchip Technology MCP2120-IP Datasheet HTML 27Page - Microchip Technology MCP2120-IP Datasheet HTML 28Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 24 / 36 page
background image
MCP2120
DS21618B-page 24
© 2007 Microchip Technology Inc.
FIGURE 4-10:
Command Mode: TX and RX Waveforms
TABLE 4-10:
TX AND TXIR REQUIREMENTS
AC Characteristics
Standard Operating Conditions (unless otherwise specified)
Operating Temperature
–40
°C ≤ TA ≤ +85°C (industrial)
Operating Voltage VDD range is described in Section 4.1
“DC Characteristics”
Param.
No.
Sym
Characteristic
Min
Typ
Max
Units
Conditions
IR140A
BTX
Transmit Baud Rate
16
—
16
TBITCLK
IR140B
BRX
Receive Baud Rate
16
—
16
TBITCLK
IR141
TTXE2RXE TX edge to RX edge (delay)
5.5
8
10.5
TBITCLK
IR142
TRXP2TXS Delay from RX Stop bit complete
to TX Start bit (new baud rate)
——
0
TOSC
BITCLK
TX
Start Bit
Data bit 7
Data bit 6
Data bit ...
Stop bit
IR140B
IR140B
IR140B
IR140B
IR140B
IR140B
RX
IR140A
IR140A
IR140A
IR141
IR141
IR141
IR141
IR141
IR141
IR141
IR140A
IR140A
IR140A
Start Bit
Data bit 7
IR142
(new Baud rate)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com