Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MCP6291 Datasheet(PDF) 7 Page - Microchip Technology

Part # MCP6291
Description  1.0 mA, 10 MHz Rail-to-Rail Op Amp
PDF  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MCP6291 Datasheet(HTML) 7 Page - Microchip Technology

Back Button MCP6291 Datasheet HTML 3Page - Microchip Technology MCP6291 Datasheet HTML 4Page - Microchip Technology MCP6291 Datasheet HTML 5Page - Microchip Technology MCP6291 Datasheet HTML 6Page - Microchip Technology MCP6291 Datasheet HTML 7Page - Microchip Technology MCP6291 Datasheet HTML 8Page - Microchip Technology MCP6291 Datasheet HTML 9Page - Microchip Technology MCP6291 Datasheet HTML 10Page - Microchip Technology MCP6291 Datasheet HTML 11Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 36 page
background image
© 2007 Microchip Technology Inc.
DS21812E-page 7
MCP6291/1R/2/3/4/5
TYPICAL PERFORMANCE CURVES (CONTINUED)
Note: Unless otherwise indicated, T
A = +25°C, VDD = +2.4V to +5.5V, VSS =GND, VCM =VDD/2, VOUT ≈ VDD/2,
VL = VDD/2, RL =10kΩ to VL, CL = 60 pF, and CS is tied low.
FIGURE 2-13:
Quiescent Current vs.
Power Supply Voltage.
FIGURE 2-14:
Open-Loop Gain, Phase vs.
Frequency.
FIGURE 2-15:
Maximum Output Voltage
Swing vs. Frequency.
FIGURE 2-16:
Output Voltage Headroom
vs. Output Current Magnitude.
FIGURE 2-17:
Gain Bandwidth Product,
Phase Margin vs. Ambient Temperature.
FIGURE 2-18:
Slew Rate vs. Ambient
Temperature.
0.0
0.2
0.4
0.6
0.8
1.0
1.2
1.4
1.6
0.0
0.5
1.0
1.5
2.0
2.5
3.0
3.5
4.0
4.5
5.0
5.5
Power Supply Voltage (V)
TA = +125°C
TA = +85°C
TA = +25°C
TA = -40°C
-20
0
20
40
60
80
100
120
Frequency (Hz)
-210
-180
-150
-120
-90
-60
-30
0
Gain
Phase
0.1
1
10
100
1k
10k 100k 1M 10M 100M
0.1
1
10
Frequency (Hz)
1k
10k
100k
1M
10M
VDD = 5.5V
VDD = 2.4V
1
10
100
1000
0.01
0.1
1
10
Output Current Magnitude (mA)
VOL - VSS
VDD - VOH
0
2
4
6
8
10
12
14
16
-50
-25
0
25
50
75
100
125
Ambient Temperature (°C)
50
55
60
65
70
75
80
85
90
GBWP, VDD = 5.5V
GBWP, VDD = 2.4V
PM, VDD = 5.5V
PM, VDD = 2.4V
0
2
4
6
8
10
12
-50
-25
0
255075
100
125
Ambient Temperature (°C)
Rising Edge, VDD = 5.5V
VDD = 2.4V
Falling Edge, VDD = 5.5V
VDD = 2.4V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com