Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MCP6044 Datasheet(PDF) 1 Page - Microchip Technology

Part # MCP6044
Description  600 nA, Rail-to-Rail Input/Output Op Amps
PDF  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MCP6044 Datasheet(HTML) 1 Page - Microchip Technology

  MCP6044 Datasheet HTML 1Page - Microchip Technology MCP6044 Datasheet HTML 2Page - Microchip Technology MCP6044 Datasheet HTML 3Page - Microchip Technology MCP6044 Datasheet HTML 4Page - Microchip Technology MCP6044 Datasheet HTML 5Page - Microchip Technology MCP6044 Datasheet HTML 6Page - Microchip Technology MCP6044 Datasheet HTML 7Page - Microchip Technology MCP6044 Datasheet HTML 8Page - Microchip Technology MCP6044 Datasheet HTML 9Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 34 page
background image
© 2008 Microchip Technology Inc.
DS21669C-page 1
MCP6041/2/3/4
Features
• Low Quiescent Current: 600 nA/amplifier (typical)
• Rail-to-Rail Input/Output
• Gain Bandwidth Product: 14 kHz (typical)
• Wide Supply Voltage Range: 1.4V to 6.0V
• Unity Gain Stable
• Available in Single, Dual, and Quad
• Chip Select (CS) with MCP6043
• Available in 5-lead and 6-lead SOT-23 Packages
• Temperature Ranges:
- Industrial: -40°C to +85°C
- Extended: -40°C to +125°C
Applications
• Toll Booth Tags
• Wearable Products
• Temperature Measurement
•Battery Powered
Design Aids
• SPICE Macro Models
• FilterLab® Software
• Mindi™ Circuit Designer & Simulator
• MAPS (Microchip Advanced Part Selector)
• Analog Demonstration and Evaluation Boards
• Application Notes
Related Devices
• MCP6141/2/3/4: G = +10 Stable Op Amps
Typical Application
Description
The MCP6041/2/3/4 family of operational amplifiers
(op amps) from Microchip Technology Inc. operate with
a single supply voltage as low as 1.4V, while drawing
less than 1 µA (maximum) of quiescent current per
amplifier. These devices are also designed to support
rail-to-rail input and output operation. This combination
of features supports battery-powered and portable
applications.
The MCP6041/2/3/4 amplifiers have a gain-bandwidth
product of 14 kHz (typical) and are unity gain stable.
These specifications make these op amps appropriate
for low frequency applications, such as battery current
monitoring and sensor conditioning.
The MCP6041/2/3/4 family operational amplifiers are
offered in single (MCP6041), single with Chip Select
(CS)
(MCP6043),
dual
(MCP6042),
and
quad
(MCP6044) configurations. The MCP6041 device is
available in the 5-lead SOT-23 package, and the
MCP6043 device is available in the 6-lead SOT-23
package.
Package Types
VDD
IDD
MCP604X
100 k
Ω
1M
Ω
1.4V
VOUT
High Side Battery Current Sensor
10
Ω
to
6.0V
I
DD
V
DD
V
OUT
–
10 V/V
() 10
Ω
()
⋅
------------------------------------------
=
VIN+
VIN–
VSS
VDD
VOUT
1
2
3
4
8
7
6
5 NC
NC
NC
MCP6041
PDIP, SOIC, MSOP
MCP6042
PDIP, SOIC, MSOP
MCP6043
PDIP, SOIC, MSOP
MCP6044
PDIP, SOIC, TSSOP
VINA+
VINA–
VSS
VOUTB
VINB–
1
2
3
4
8
7
6
5 VINB+
VDD
VOUTA
VIN+
VIN–
VSS
VDD
VOUT
1
2
3
4
8
7
6
5 NC
CS
NC
VINA+
VINA–
VDD
VIND–
VIND+
1
2
3
4
14
13
12
11 VSS
VOUTD
VOUTA
VINB–
VINB+
VOUTB
VINC+
VINC–
5
6
7
10
9
8 VOUTC
VIN+
VSS
VIN–
1
2
3
5
4
VDD
VOUT
MCP6041
SOT-23-5
VIN+
VSS
VIN–
1
2
3
6
4
VDD
VOUT
MCP6043
SOT-23-6
5 CS
600 nA, Rail-to-Rail Input/Output Op Amps


Similar Part No. - MCP6044

ManufacturerPart #DatasheetDescription
logo
Microchip Technology
MCP6044 MICROCHIP-MCP6044 Datasheet
621Kb / 32P
600 nA, Rail-to-Rail Input/Output Op Amps
2002
MCP6044 MICROCHIP-MCP6044 Datasheet
1Mb / 40P
600 nA, Rail-to-Rail Input/Output Op Amps
2001-2013
MCP6044 MICROCHIP-MCP6044 Datasheet
1Mb / 40P
600 nA, Rail-to-Rail Input/Output Op Amps
11/29/12
MCP6044 MICROCHIP-MCP6044 Datasheet
1Mb / 34P
600 nA, Rail-to-Rail Input/Output Op Amps
01/02/08
MCP6044 MICROCHIP-MCP6044 Datasheet
507Kb / 34P
600 nA, Rail-to-Rail Input/Output Op Amps
01/02/08
More results

Similar Description - MCP6044

ManufacturerPart #DatasheetDescription
logo
Microchip Technology
MCP6041 MICROCHIP-MCP6041 Datasheet
621Kb / 32P
600 nA, Rail-to-Rail Input/Output Op Amps
2002
MCP6041 MICROCHIP-MCP6041_13 Datasheet
1Mb / 40P
600 nA, Rail-to-Rail Input/Output Op Amps
2001-2013
MCP6041T-I MICROCHIP-MCP6041T-I Datasheet
1Mb / 40P
600 nA, Rail-to-Rail Input/Output Op Amps
11/29/12
MCP6044-I MICROCHIP-MCP6044-I Datasheet
1Mb / 34P
600 nA, Rail-to-Rail Input/Output Op Amps
01/02/08
MCP6041T-E MICROCHIP-MCP6041T-E Datasheet
1Mb / 40P
600 nA, Rail-to-Rail Input/Output Op Amps
11/29/12
MCP6044-E MICROCHIP-MCP6044-E Datasheet
617Kb / 34P
600 nA, Rail-to-Rail Input/Output Op Amps
01/02/08
MCP6042-I MICROCHIP-MCP6042-I Datasheet
507Kb / 34P
600 nA, Rail-to-Rail Input/Output Op Amps
01/02/08
MCP6043T-I MICROCHIP-MCP6043T-I Datasheet
507Kb / 34P
600 nA, Rail-to-Rail Input/Output Op Amps
01/02/08
MCP6044-E MICROCHIP-MCP6044-E Datasheet
507Kb / 34P
600 nA, Rail-to-Rail Input/Output Op Amps
01/02/08
MCP6044-I MICROCHIP-MCP6044-I Datasheet
507Kb / 34P
600 nA, Rail-to-Rail Input/Output Op Amps
01/02/08
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com