Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MCP41010 Datasheet(PDF) 5 Page - Microchip Technology

Part # MCP41010
Description  Single/Dual Digital Potentiometer with SPI Interface
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MCP41010 Datasheet(HTML) 5 Page - Microchip Technology

  MCP41010 Datasheet HTML 1Page - Microchip Technology MCP41010 Datasheet HTML 2Page - Microchip Technology MCP41010 Datasheet HTML 3Page - Microchip Technology MCP41010 Datasheet HTML 4Page - Microchip Technology MCP41010 Datasheet HTML 5Page - Microchip Technology MCP41010 Datasheet HTML 6Page - Microchip Technology MCP41010 Datasheet HTML 7Page - Microchip Technology MCP41010 Datasheet HTML 8Page - Microchip Technology MCP41010 Datasheet HTML 9Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 32 page
background image
 2003 Microchip Technology Inc.
DS11195C-page 5
MCP41XXX/42XXX
Absolute Maximum Ratings †
VDD...................................................................................7.0V
All inputs and outputs w.r.t. VSS ............... -0.6V to VDD +1.0V
Storage temperature .....................................-60°C to +150°C
Ambient temp. with power applied ................-60°C to +125°C
ESD protection on all pins
..................................................≥ 2kV
† Notice: Stresses above those listed under “maximum rat-
ings” may cause permanent damage to the device. This is a
stress rating only and functional operation of the device at
those or any other conditions above those indicated in the
operational listings of this specification is not implied. Expo-
sure to maximum rating conditions for extended periods may
affect device reliability.
AC TIMING CHARACTERISTICS
Electrical Characteristics: Unless otherwise indicated, VDD = +2.7V to 5.5V, TA = -40°C to +85°C.
Parameter
Sym
Min.
Typ.
Max.
Units
Conditions
Clock Frequency
FCLK
——
10
MHz
VDD = 5V (Note 1)
Clock High Time
tHI
40
—
—
ns
Clock Low Time
tLO
40
—
—
ns
CS Fall to First Rising CLK Edge
tCSSR
40
—
—
ns
Data Input Setup Time
tSU
40
—
—
ns
Data Input Hold Time
tHD
10
—
—
ns
SCK Fall to SO Valid Propagation Delay
tDO
—80
ns
CL = 30 pF (Note 2)
SCK Rise to CS Rise Hold Time
tCHS
30
—
—
ns
SCK Rise to CS Fall Delay
tCS0
10
—
—
ns
CS Rise to CLK Rise Hold
tCS1
100
—
—
ns
CS High Time
tCSH
40
—
—
ns
Reset Pulse Width
tRS
150
—
—
ns
Note 2
RS Rising to CS Falling Delay Time
tRSCS
150
—
—
ns
Note 2
CS rising to RS or SHDN falling delay time
tSE
40
—
—
ns
Note 3
CS low time
tCSL
100
—
—
ns
Note 3
Shutdown Pulse Width
tSH
150
—
—
ns
Note 3
Note
1:
When using the device in the daisy-chain configuration, maximum clock frequency is determined by a combination of propagation delay
time (tDO) and data input setup time (tSU). Max. clock frequency is therefore ~ 5.8 MHz based on SCK rise and fall times of 5 ns, tHI =
40 ns, tDO = 80 ns and tSU = 40 ns.
2:
Applies only to the MCP42XXX devices.
3:
Applies only when using hardware pins to exit software shutdown mode, MCP42XXX only.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com