Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MCP6041IMS Datasheet(PDF) 10 Page - Microchip Technology

Part # MCP6041IMS
Description  600 nA, Rail-to-Rail Input/Output Op Amps
PDF  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MCP6041IMS Datasheet(HTML) 10 Page - Microchip Technology

Back Button MCP6041IMS Datasheet HTML 6Page - Microchip Technology MCP6041IMS Datasheet HTML 7Page - Microchip Technology MCP6041IMS Datasheet HTML 8Page - Microchip Technology MCP6041IMS Datasheet HTML 9Page - Microchip Technology MCP6041IMS Datasheet HTML 10Page - Microchip Technology MCP6041IMS Datasheet HTML 11Page - Microchip Technology MCP6041IMS Datasheet HTML 12Page - Microchip Technology MCP6041IMS Datasheet HTML 13Page - Microchip Technology MCP6041IMS Datasheet HTML 14Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 34 page
background image
MCP6041/2/3/4
DS21669C-page 10
© 2008 Microchip Technology Inc.
Note: Unless otherwise indicated, T
A = +25°C, VDD = +1.4V to +6.0V, VSS =GND, VCM =VDD/2, VOUT ≈ VDD/2,
VL =VDD/2, RL =1MΩ to VL, and CL =60 pF.
FIGURE 2-31:
Large Signal Non-inverting
Pulse Response.
FIGURE 2-32:
Chip Select (CS) to
Amplifier Output Response Time (MCP6043
only).
FIGURE 2-33:
Input Current vs. Input
Voltage (below VSS).
FIGURE 2-34:
Large Signal Inverting Pulse
Response.
FIGURE 2-35:
Chip Select (CS) Hysteresis
(MCP6043 only).
0.0
0.5
1.0
1.5
2.0
2.5
3.0
3.5
4.0
4.5
5.0
0
123
45678
9
10
Time (1 ms/div)
VDD = 5.0V
G = +1 V/V
RL = 50 kΩ
-20.0
-17.5
-15.0
-12.5
-10.0
-7.5
-5.0
-2.5
0.0
2.5
5.0
7.5
0123
456789 10
Time (1 ms/div)
-0.5
0.0
0.5
1.0
1.5
2.0
2.5
3.0
3.5
4.0
4.5
5.0
VDD = 5.0V
VOUT
High-Z
High-Z
Output On
CS
1.E-12
1.E-11
1.E-10
1.E-09
1.E-08
1.E-07
1.E-06
1.E-05
1.E-04
1.E-03
1.E-02
-1.0 -0.9 -0.8 -0.7 -0.6 -0.5 -0.4 -0.3 -0.2 -0.1 0.0
Input Voltage (V)
+125°C
+85°C
+25°C
-40°C
10m
1m
100µ
10µ
1µ
100n
10n
1n
100p
10p
1p
0.0
0.5
1.0
1.5
2.0
2.5
3.0
3.5
4.0
4.5
5.0
0
1
2
345
67
89
10
Time (1 ms/div)
VDD = 5.0V
G = -1 V/V
RL = 50 kΩ
-0.5
0.0
0.5
1.0
1.5
2.0
2.5
3.0
0.00.5 1.01.5 2.02.5 3.03.5 4.04.5 5.0
CS Input Voltage (V)
VOUT Active
VOUT High-Z
VDD = 5.0V
Hysteresis
CS
High-to-Low
CS
Low-to-High



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com