Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MCP41010 Datasheet(PDF) 9 Page - Microchip Technology

Part # MCP41010
Description  Single/Dual Digital Potentiometer with SPI Interface
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MCP41010 Datasheet(HTML) 9 Page - Microchip Technology

Back Button MCP41010 Datasheet HTML 5Page - Microchip Technology MCP41010 Datasheet HTML 6Page - Microchip Technology MCP41010 Datasheet HTML 7Page - Microchip Technology MCP41010 Datasheet HTML 8Page - Microchip Technology MCP41010 Datasheet HTML 9Page - Microchip Technology MCP41010 Datasheet HTML 10Page - Microchip Technology MCP41010 Datasheet HTML 11Page - Microchip Technology MCP41010 Datasheet HTML 12Page - Microchip Technology MCP41010 Datasheet HTML 13Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 32 page
background image
 2003 Microchip Technology Inc.
DS11195C-page 9
MCP41XXX/42XXX
Note: Unless otherwise indicated, curve represents 10 k
Ω, 50 kΩ and 100 kΩ devices, VDD = 5V, VSS = 0V, TA = +25°C,
V
B = 0V.
FIGURE 2-13:
10 k
Ω Device Wiper
Resistance Histogram.
FIGURE 2-14:
50 k
Ω, 100 kΩ Device Wiper
Resistance Histogram.
FIGURE 2-15:
One Position Settling Time.
FIGURE 2-16:
Full-Scale Settling Time.
FIGURE 2-17:
Digital Feed through vs.
Time.
FIGURE 2-18:
Gain vs. Frequency for
10 k
Ω Potentiometer.
0
20
40
60
80
100
120
140
160
180
47 48 49 50 51 52 53 54 55 56 57 58 59
Wiper Resistance (
Ω)
MCP41010,MCP42010
Code = 00h,
Sample Size = 400
0
20
40
60
80
100
120
140
115 117 119 121 123 125 127 129 131 133
Wiper Resistance (
Ω)
MCP41050, MCP41100,
MCP42050, MCP42100
Code = 00h,
Sample Size = 796
VOUT
Code = 7Fh
Code = 80h
CS
CL = 17 pF
VOUT
00h
FFh
CS
CL = 27 pF
CL = 27 pF
Code = 80h
VOUT
CS
-60
-54
-48
-42
-36
-30
-24
-18
-12
-6
0
6
Frequency (Hz)
CL = 30pF, Refer to Figure 2-29
MCP41010, MCP42010 (10k
Ω potentiometers)
Code = FFh
Code = 80h
Code = 40h
Code = 20h
Code = 10h
Code = 08h
Code = 04h
Code = 02h
Code = 01h
100
1k
10k
100k
1M
10M



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com