Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PIC16C5X Datasheet(PDF) 49 Page - Microchip Technology

Part # PIC16C5X
Description  EPROM/ROM-Based 8-bit CMOSMicrocontroller Series
PDF  194 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

PIC16C5X Datasheet(HTML) 49 Page - Microchip Technology

Back Button PIC16C5X Datasheet HTML 45Page - Microchip Technology PIC16C5X Datasheet HTML 46Page - Microchip Technology PIC16C5X Datasheet HTML 47Page - Microchip Technology PIC16C5X Datasheet HTML 48Page - Microchip Technology PIC16C5X Datasheet HTML 49Page - Microchip Technology PIC16C5X Datasheet HTML 50Page - Microchip Technology PIC16C5X Datasheet HTML 51Page - Microchip Technology PIC16C5X Datasheet HTML 52Page - Microchip Technology PIC16C5X Datasheet HTML 53Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 49 / 194 page
background image
© 2002 Microchip Technology Inc.
Preliminary
DS30453D-page 47
PIC16C5X
9.3
Power-Down Mode (SLEEP)
A device may be powered down (SLEEP) and later
powered up (Wake-up from SLEEP).
9.3.1
SLEEP
The Power-down mode is entered by executing a
SLEEP
instruction.
If enabled, the Watchdog Timer will be cleared but
keeps running, the TO bit (STATUS<4>) is set, the PD
bit (STATUS<3>) is cleared and the oscillator driver is
turned off. The I/O ports maintain the status they had
before the SLEEP instruction was executed (driving
high, driving low, or hi-impedance).
It should be noted that a RESET generated by a WDT
time-out does not drive the MCLR/VPP pin low.
For lowest current consumption while powered down,
the T0CKI input should be at VDD or VSS and the
MCLR/VPP pin must be at a logic high level
(MCLR = VIH).
9.3.2
WAKE-UP FROM SLEEP
The device can wake up from SLEEP through one of
the following events:
1.
An external RESET input on MCLR/VPP pin.
2.
A Watchdog Timer Time-out Reset (if WDT was
enabled).
Both of these events cause a device RESET. The TO
and PD bits can be used to determine the cause of
device RESET.
The TO bit is cleared if a WDT time-
out occurred (and caused wake-up). The PD bit, which
is set on power-up, is cleared when SLEEP is invoked.
The WDT is cleared when the device wakes from
SLEEP, regardless of the wake-up source.
9.4
Program Verification/Code
Protection
If the code protection bit(s) have not been pro-
grammed, the on-chip program memory can be read
out for verification purposes.
9.5
ID Locations
Four memory locations are designated as ID locations
where the user can store checksum or other code-iden-
tification numbers. These locations are not accessible
during normal execution but are readable and writable
during program/verify.
Use only the lower 4 bits of the ID locations and always
program the upper 8 bits as ’1’s.
Note:
Microchip does not recommend code pro-
tecting windowed devices.
Note:
Microchip will assign a unique pattern
number for QTP and SQTP requests and
for ROM devices. This pattern number will
be unique and traceable to the submitted
code.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com