Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PIC10F320T-IMCSQTP Datasheet(PDF) 54 Page - Microchip Technology

Part # PIC10F320T-IMCSQTP
Description  6/8-Pin, High-Performance, Flash Microcontrollers
PDF  210 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

PIC10F320T-IMCSQTP Datasheet(HTML) 54 Page - Microchip Technology

Back Button PIC10F320T-IMCSQTP Datasheet HTML 50Page - Microchip Technology PIC10F320T-IMCSQTP Datasheet HTML 51Page - Microchip Technology PIC10F320T-IMCSQTP Datasheet HTML 52Page - Microchip Technology PIC10F320T-IMCSQTP Datasheet HTML 53Page - Microchip Technology PIC10F320T-IMCSQTP Datasheet HTML 54Page - Microchip Technology PIC10F320T-IMCSQTP Datasheet HTML 55Page - Microchip Technology PIC10F320T-IMCSQTP Datasheet HTML 56Page - Microchip Technology PIC10F320T-IMCSQTP Datasheet HTML 57Page - Microchip Technology PIC10F320T-IMCSQTP Datasheet HTML 58Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 54 / 210 page
background image
PIC10(L)F320/322
DS41585A-page 54
Preliminary
 2011 Microchip Technology Inc.
8.1
Independent Clock Source
The WDT derives its time base from the 31 kHz
LFINTOSC internal oscillator. Time intervals in this
chapter are based on a nominal interval of 1ms. See
Section 24.0 “Electrical Specifications”
for the
LFINTOSC tolerances.
8.2
WDT Operating Modes
The Watchdog Timer module has four operating modes
controlled by the WDTE<1:0> bits in Configuration
Word. See Table 8-1.
8.2.1
WDT IS ALWAYS ON
When the WDTE bits of Configuration Word are set to
‘11’, the WDT is always on.
WDT protection is active during Sleep.
8.2.2
WDT IS OFF IN SLEEP
When the WDTE bits of Configuration Word are set to
‘10’, the WDT is on, except in Sleep.
WDT protection is not active during Sleep.
8.2.3
WDT CONTROLLED BY SOFTWARE
When the WDTE bits of Configuration Word are set to
‘01’, the WDT is controlled by the SWDTEN bit of the
WDTCON register.
WDT protection is unchanged by Sleep. See Table 8-1
for more details.
TABLE 8-1:
WDT OPERATING MODES
8.3
Time-Out Period
The WDTPS bits of the WDTCON register set the time-
out period from 1 ms to 256 seconds (nominal). After a
Reset, the default time-out period is 2 seconds.
8.4
Clearing the WDT
The WDT is cleared when any of the following condi-
tions occur:
•Any Reset
• CLRWDT instruction is executed
• Device enters Sleep
• Device wakes up from Sleep
• Oscillator fail
• WDT is disabled
See Table 8-2 for more information.
8.5
Operation During Sleep
When the device enters Sleep, the WDT is cleared. If
the WDT is enabled during Sleep, the WDT resumes
counting.
When the device exits Sleep, the WDT is cleared
again.
When a WDT time-out occurs while the device is in
Sleep, no Reset is generated. Instead, the device
wakes up and resumes operation. The TO and PD bits
in the STATUS register are changed to indicate the
event. See Section 2.0 “Memory Organization” and
Register 2-1
for more information.
WDTE<1:0>
SWDTEN
Device
Mode
WDT
Mode
11
X
XActive
10
X
Awake
Active
Sleep
Disabled
01
1
X
Active
0
Disabled
00
X
X
Disabled
TABLE 8-2:
WDT CLEARING CONDITIONS
Conditions
WDT
WDTE<1:0> = 00
Cleared
WDTE<1:0> = 01 and SWDTEN = 0
WDTE<1:0> = 10 and enter Sleep
CLRWDT
Command
Exit Sleep
Change INTOSC divider (IRCF bits)
Unaffected



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com