Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PIC10F320T-IMCSQTP Datasheet(PDF) 138 Page - Microchip Technology

Part # PIC10F320T-IMCSQTP
Description  6/8-Pin, High-Performance, Flash Microcontrollers
PDF  210 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

PIC10F320T-IMCSQTP Datasheet(HTML) 138 Page - Microchip Technology

Back Button PIC10F320T-IMCSQTP Datasheet HTML 134Page - Microchip Technology PIC10F320T-IMCSQTP Datasheet HTML 135Page - Microchip Technology PIC10F320T-IMCSQTP Datasheet HTML 136Page - Microchip Technology PIC10F320T-IMCSQTP Datasheet HTML 137Page - Microchip Technology PIC10F320T-IMCSQTP Datasheet HTML 138Page - Microchip Technology PIC10F320T-IMCSQTP Datasheet HTML 139Page - Microchip Technology PIC10F320T-IMCSQTP Datasheet HTML 140Page - Microchip Technology PIC10F320T-IMCSQTP Datasheet HTML 141Page - Microchip Technology PIC10F320T-IMCSQTP Datasheet HTML 142Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 138 / 210 page
background image
PIC10(L)F320/322
DS41585A-page 138
Preliminary
 2011 Microchip Technology Inc.
TABLE 20-1:
SUMMARY OF REGISTERS ASSOCIATED WITH NCOx
Name
Bit 7
Bit 6
Bit 5
Bit 4
Bit 3
Bit 2
Bit 1
Bit 0
Register
on Page
CLC1SEL0
—
LC1D2S2
LC1D2S1
LC1D2S0
—
LC1D1S2
LC1D1S1
LC1D1S0
121
CLC1SEL1
—
LC1D4S2
LC1D4S1
LC1D4S0
—
LC1D3S2
LC1D3S1
LC1D3S0
122
CWG1CON1
G1ASDLB<1:0>
G1ASDLA<1:0>
—
—
G1IS<1:0>
150
INTCON
GIE
PEIE
TMR0IE
INTE
IOCIE
TMR0IF
INTF
IOCIF
46
NCO1ACCH
NCO1ACCH<15:8>
136
NCO1ACCL
NCO1ACCL<7:0>
136
NCO1ACCU
—
NCO1ACCU<19:16
136
NCO1CLK
N1PWS<2:0>
—
—
—N1CKS<1:0>
135
NCO1CON
N1EN
N1OE
N1OUT
N1POL
—
—
—N1PFM
135
NCO1INCH
NCO1INCH<15:8>
137
NCO1INCL
NCO1INCL<7:0>
137
PIE1
—
ADIE
—
NCO1IE
CLC1IE
—
TMR2IE
—
47
PIR1
—
ADIF
—
NCO1IF
CLC1IF
—
TMR2IF
—
48
TRISA
—
—
—
—
—
TRISA2
TRISA1
TRISA0
77
Legend:
x
= unknown, u = unchanged, — = unimplemented read as ‘0’, q = value depends on condition. Shaded cells are not
used for ADC module.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com