Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PIC10F320T-IMCSQTP Datasheet(PDF) 149 Page - Microchip Technology

Part # PIC10F320T-IMCSQTP
Description  6/8-Pin, High-Performance, Flash Microcontrollers
PDF  210 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

PIC10F320T-IMCSQTP Datasheet(HTML) 149 Page - Microchip Technology

Back Button PIC10F320T-IMCSQTP Datasheet HTML 145Page - Microchip Technology PIC10F320T-IMCSQTP Datasheet HTML 146Page - Microchip Technology PIC10F320T-IMCSQTP Datasheet HTML 147Page - Microchip Technology PIC10F320T-IMCSQTP Datasheet HTML 148Page - Microchip Technology PIC10F320T-IMCSQTP Datasheet HTML 149Page - Microchip Technology PIC10F320T-IMCSQTP Datasheet HTML 150Page - Microchip Technology PIC10F320T-IMCSQTP Datasheet HTML 151Page - Microchip Technology PIC10F320T-IMCSQTP Datasheet HTML 152Page - Microchip Technology PIC10F320T-IMCSQTP Datasheet HTML 153Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 149 / 210 page
background image
 2011 Microchip Technology Inc.
Preliminary
DS41585A-page 149
PIC10(L)F320/322
21.12
CWG Control Registers
REGISTER 21-1:
CWGxCON0: CWG CONTROL REGISTER 0
R/W-0/0
R/W-0/0
R/W-0/0
R/W-0/0
R/W-0/0
U-0
U-0
R/W-0/0
GxEN
GxOEB
GxOEA
GxPOLB
GxPOLA
—
—GxCS0
bit 7
bit 0
Legend:
R = Readable bit
W = Writable bit
U = Unimplemented bit, read as ‘0’
u = Bit is unchanged
x = Bit is unknown
-n/n = Value at POR and BOR/Value at all other Resets
‘1’ = Bit is set
‘0’ = Bit is cleared
q = Value depends on condition
bit 7
GxEN:
CWGx Enable bit
1
= Module is enabled
0
= Module is disabled
bit 6
GxOEB:
CWGxB Output Enable bit
1
= CWGxB is available on appropriate I/O pin
0
= CWGxB is not available on appropriate I/O pin
bit 5
GxOEA:
CWGxA Output Enable bit
1
= CWGxA is available on appropriate I/O pin
0
= CWGxA is not available on appropriate I/O pin
bit 4
GxPOLB:
CWGxB Output Polarity bit
1
= Output is inverted polarity
0
= Output is normal polarity
bit 3
GxPOLA:
CWGxA Output Polarity bit
1
= Output is inverted polarity
0
= Output is normal polarity
bit 2-1
Unimplemented
: Read as ‘0’
bit 0
GxCS0:
CWGx Clock Source Select bit
1
=HFINTOSC
0
=FOSC



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com