Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PIC10LF320T-EMCQTP Datasheet(PDF) 9 Page - Microchip Technology

Part # PIC10LF320T-EMCQTP
Description  6/8-Pin, High-Performance, Flash Microcontrollers
PDF  210 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

PIC10LF320T-EMCQTP Datasheet(HTML) 9 Page - Microchip Technology

Back Button PIC10LF320T-EMCQTP Datasheet HTML 5Page - Microchip Technology PIC10LF320T-EMCQTP Datasheet HTML 6Page - Microchip Technology PIC10LF320T-EMCQTP Datasheet HTML 7Page - Microchip Technology PIC10LF320T-EMCQTP Datasheet HTML 8Page - Microchip Technology PIC10LF320T-EMCQTP Datasheet HTML 9Page - Microchip Technology PIC10LF320T-EMCQTP Datasheet HTML 10Page - Microchip Technology PIC10LF320T-EMCQTP Datasheet HTML 11Page - Microchip Technology PIC10LF320T-EMCQTP Datasheet HTML 12Page - Microchip Technology PIC10LF320T-EMCQTP Datasheet HTML 13Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 210 page
background image
 2011 Microchip Technology Inc.
Preliminary
DS41585A-page 9
PIC10(L)F320/322
TABLE 1-2:
PIC10(L)F320/322 PINOUT DESCRIPTION
Name
Function
Input
Type
Output
Type
Description
RA0/PWM1/CLC1IN1/CWG1A/
AN0/ICSPDAT
RA0
TTL
CMOS General purpose I/O with IOC and WPU.
PWM1
CMOS PWM output.
CLC1IN1
ST
CLC input.
CWG1A
CMOS CWG primary output.
AN0
AN
A/D Channel input.
ICSPDAT
ST
CMOS ICSP™ Data I/O.
RA1/PWM2/CLC1/CWG1B/AN1/
CLKIN/ICSPCLK/NCO1CLK
RA1
TTL
CMOS General purpose I/O with IOC and WPU.
PWM2
CMOS PWM output.
CLC1
CMOS CLC output.
CWG1B
CMOS CWG complementary output.
AN1
AN
A/D Channel input.
CLKIN
ST
External Clock input (EC mode).
ICSPCLK
ST
Serial Programming Clock.
NCO1CLK
ST
Numerical Controlled Oscillator external clock input.
RA2/INT/T0CKI/NCO1/CLC1IN2/
CLKR/AN2/CWG1FLT
RA2
TTL
CMOS General purpose I/O with IOC and WPU.
INT
ST
External interrupt.
T0CKI
ST
Timer0 clock input.
NCO1
CMOS Numerically Controlled Oscillator output.
CLC1IN2
ST
CLC input.
CLKR
CMOS Clock Reference output.
AN2
AN
A/D Channel input.
CWG1FLT
ST
Complementary Waveform Generator Fault 1 source input.
RA3/MCLR/VPP
RA3
TTL
General purpose input.
MCLR
ST
Master Clear with internal pull-up.
VPP
HV
Programming voltage.
VDD
VDD
Power
Positive supply.
VSS
VSS
Power
Ground reference.
Legend:
AN = Analog input or output
CMOS = CMOS compatible input or output
TTL = CMOS input with TTL levels
ST
= CMOS input with Schmitt Trigger levels
HV = High Voltage



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com