Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PIC12F635 Datasheet(PDF) 73 Page - Microchip Technology

Part # PIC12F635
Description  8/14-Pin, Flash-Based 8-Bit CMOS Microcontrollers with nanoWatt Technology
PDF  234 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

PIC12F635 Datasheet(HTML) 73 Page - Microchip Technology

Back Button PIC12F635 Datasheet HTML 69Page - Microchip Technology PIC12F635 Datasheet HTML 70Page - Microchip Technology PIC12F635 Datasheet HTML 71Page - Microchip Technology PIC12F635 Datasheet HTML 72Page - Microchip Technology PIC12F635 Datasheet HTML 73Page - Microchip Technology PIC12F635 Datasheet HTML 74Page - Microchip Technology PIC12F635 Datasheet HTML 75Page - Microchip Technology PIC12F635 Datasheet HTML 76Page - Microchip Technology PIC12F635 Datasheet HTML 77Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 73 / 234 page
background image
© 2007 Microchip Technology Inc.
DS41232D-page 71
PIC12F635/PIC16F636/639
7.0
COMPARATOR MODULE
Comparators are used to interface analog circuits to a
digital circuit by comparing two analog voltages and
providing a digital indication of their relative magnitudes.
The comparators are very useful mixed signal building
blocks because they provide analog functionality
independent of the program execution. The Analog
Comparator module includes the following features:
• Dual comparators (PIC16F636/639 only)
• Multiple comparator configurations
• Comparator(s) output is available
internally/externally
• Programmable output polarity
• Interrupt-on-change
• Wake-up from Sleep
• Timer1 gate (count enable)
• Output synchronization to Timer1 clock input
• Programmable voltage reference
7.1
Comparator Overview
A comparator is shown in Figure 7-1 along with the
relationship between the analog input levels and the
digital output. When the analog voltage at VIN+ is less
than the analog voltage at VIN-, the output of the
comparator is a digital low level. When the analog
voltage at VIN+ is greater than the analog voltage at
VIN-, the output of the comparator is a digital high level.
The PIC12F635 contains a single comparator as
shown in Figure 7-2.
The PIC16F636/639 devices contains two comparators
as shown in Figure 7-3 and Figure 7-4. The comparators
are not independently configurable.
FIGURE 7-1:
SINGLE COMPARATOR
FIGURE 7-2:
COMPARATOR OUTPUT BLOCK DIAGRAM (PIC12F635)
–
+
VIN+
VIN-
Output
Output
VIN+
VIN-
Note:
The black areas of the output of the
comparator represents the uncertainty
due to input offsets and response time.
CMSYNC
DQ
EN
To COUT pin
RD CMCON0
Set CMIF bit
Q3*RD CMCON0
Reset
To Data Bus
CINV
Timer1
clock source(1)
0
1
To Timer1 Gate
Note 1:
Comparator output is latched on falling edge of Timer1 clock source.
2:
Q1 and Q3 are phases of the four-phase system clock (FOSC).
3:
Q1 is held high during Sleep mode.
DQ
DQ
EN
CL
Q1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com