Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MCP6044ESN Datasheet(PDF) 31 Page - Microchip Technology

Part # MCP6044ESN
Description  600 nA, Rail-to-Rail Input/Output Op Amps
PDF  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MCP6044ESN Datasheet(HTML) 31 Page - Microchip Technology

Back Button MCP6044ESN Datasheet HTML 26Page - Microchip Technology MCP6044ESN Datasheet HTML 27Page - Microchip Technology MCP6044ESN Datasheet HTML 28Page - Microchip Technology MCP6044ESN Datasheet HTML 29Page - Microchip Technology MCP6044ESN Datasheet HTML 30Page - Microchip Technology MCP6044ESN Datasheet HTML 31Page - Microchip Technology MCP6044ESN Datasheet HTML 32Page - Microchip Technology MCP6044ESN Datasheet HTML 33Page - Microchip Technology MCP6044ESN Datasheet HTML 34Page - Microchip Technology  
Zoom Inzoom in Zoom Outzoom out
 31 / 34 page
background image
© 2008 Microchip Technology Inc.
DS21669C-page 31
MCP6041/2/3/4
PRODUCT IDENTIFICATION SYSTEM
To order or obtain information, e.g., on pricing or delivery, refer to the factory or the listed sales office
.
PART NO.
X
/XX
Package
Temperature
Range
Device
MCP6041: Single Op Amp
MCP6041T Single Op Amp
(Tape and Reel for SOT-23, SOIC, MSOP)
MCP6042
Dual Op Amp
MCP6042T Dual Op Amp
(Tape and Reel for SOIC and MSOP)
MCP6043
Single Op Amp w/ Chip Select
MCP6043T Single Op Amp w/ Chip Select
(Tape and Reel for SOT-23, SOIC, MSOP)
MCP6044
Quad Op Amp
MCP6044T Quad Op Amp
(Tape and Reel for SOIC and TSSOP)
Temperature Range
I
= -40°C to +85°C
E
= -40°C to +125°C
Package
CH = Plastic Small Outline Transistor (SOT-23),
6-lead (Tape and Reel - MCP6043 only)
MS = Plastic Micro Small Outline (MSOP), 8-lead
OT = Plastic Small Outline Transistor (SOT-23),
5-lead (Tape and Reel - MCP6041 only)
P
= Plastic DIP (300 mil Body), 8-lead, 14-lead
SL = Plastic SOIC (150 mil Body), 14-lead
SN = Plastic SOIC (150 mil Body), 8-lead
ST = Plastic TSSOP (4.4 mm Body), 14-lead
Examples:
a)
MCP6041-I/P:
Industrial Temp.,
8LD PDIP package.
b)
MCP6041T-E/OT: Tape and Reel,
Extended Temp.,
5LD SOT-23 package.
a)
MCP6042-I/SN:
Industrial Temp.,
8LD SOIC package.
b)
MCP6042T-E/MS: Tape and Reel,
Extended Temp.,
5LD SOT-23 package.
a)
MCP6043-I/P:
Industrial Temp.,
8LD PDIP package.
b)
MCP6043T-E/CH: Tape and Reel,
Extended Temp.,
6LD SOT-23 package.
a)
MCP6044-I/SL:
Industrial Temp.,
14LD PDIP package.
b)
MCP6044T-E/ST: Tape and Reel,
Extended Temp.,
14LD TSSOP package.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com