Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MP2562 Datasheet(PDF) 2 Page - Monolithic Power Systems

Part # MP2562
Description  1A, 4MHz, 50V Step-Down Converter
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MPS [Monolithic Power Systems]
Direct Link  http://www.monolithicpower.com
Logo MPS - Monolithic Power Systems

MP2562 Datasheet(HTML) 2 Page - Monolithic Power Systems

  MP2562 Datasheet HTML 1Page - Monolithic Power Systems MP2562 Datasheet HTML 2Page - Monolithic Power Systems MP2562 Datasheet HTML 3Page - Monolithic Power Systems MP2562 Datasheet HTML 4Page - Monolithic Power Systems MP2562 Datasheet HTML 5Page - Monolithic Power Systems MP2562 Datasheet HTML 6Page - Monolithic Power Systems MP2562 Datasheet HTML 7Page - Monolithic Power Systems MP2562 Datasheet HTML 8Page - Monolithic Power Systems MP2562 Datasheet HTML 9Page - Monolithic Power Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 20 page
background image
MP2562 – 1A, 4MHz, 50V STEP-DOWN CONVERTER
MP2562 Rev. 0.91
www.MonolithicPower.com
2
4/5/2010
MPS Proprietary Information. Unauthorized Photocopy and Duplication Prohibited.
© 2010 MPS. All Rights Reserved.
ORDERING INFORMATION
* For Tape & Reel, add suffix –Z (e.g. MP2562DQ–Z).
For RoHS Compliant Packaging, add suffix –LF (e.g. MP2562DQ–LF–Z)
** For Tape & Reel, add suffix –Z (e.g. MP2562DS–Z).
For RoHS Compliant Packaging, add suffix –LF (e.g. MP2562DS–LF–Z)
PACKAGE REFERENCE
TOP VIEW
SW
SW
EN
COMP
FB
1
2
3
4
5
BST
VIN
VIN
FREQ
GND
10
9
8
7
6
EXPOSED PAD
ON BACKSIDE
CONNECT TO GND
SW
EN
COMP
FB
BST
VIN
FREQ
GND
1
2
3
4
8
7
6
5
TOP VIEW
QFN10
SOIC8
ABSOLUTE MAXIMUM RATINGS (1)
Supply Voltage (VIN).....................–0.3V to +55V
Switch Voltage (VSW)...........................................
................-0.3V (-5V for <10ns) to VIN +0.3V
BST to SW .....................................–0.3V to +6V
All Other Pins.................................–0.3V to +6V
Continuous Power Dissipation. ….(TA=+25°C)
(2)
3x3 QFN10……………………………….….2.5W
SOIC8………………………….……………..1.3W
Junction Temperature...............................150
°C
Lead Temperature ....................................260
°C
Storage Temperature................. –65°C to +150
°
Recommended Operating Conditions
(3)
Supply Voltage VIN ...........................4.5V to 50V
Output Voltage VOUT.........................0.8V to 47V
Operating Junct. Temp. .......... –40
°C to +125°C
Thermal Resistance
(4)
θJA
θJC
3x3 QFN10 ............................. 50 ...... 12...
°C/W
SOIC8..................................... 96 ...... 45...
°C/W
Notes:
1) Exceeding these ratings may damage the device.
2) The maximum allowable power dissipation is a function of the
maximum junction temperature TJ(MAX), the junction-to-
ambient thermal resistance θJA, and the ambient temperature
TA. The maximum allowable continuous power dissipation at
any ambient temperature is calculated by PD(MAX)=(TJ(MAX)-
TA)/ θJA. Exceeding the maximum allowable power dissipation
will cause excessive die temperature, and the regulator will go
into thermal shutdown. Internal thermal shutdown circuitry
protects the device from permanent damage..
3) The device is not guaranteed to function outside of its
operating conditions.
4) Measured on JESD51-7 4-layer board.
Part Number
Package
Top Marking
Free Air Temperature (TA)
MP2562DQ*
3x3 QFN10
9F
–40
°C to +85°C
MP2562DS**
SOIC8
MP2562DS
–40
°C to +85°C



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com