Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MP4561 Datasheet(PDF) 9 Page - Monolithic Power Systems

Part # MP4561
Description  1.5A, 2MHz, 55V Step-Down Converter
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MPS [Monolithic Power Systems]
Direct Link  http://www.monolithicpower.com
Logo MPS - Monolithic Power Systems

MP4561 Datasheet(HTML) 9 Page - Monolithic Power Systems

Back Button MP4561 Datasheet HTML 5Page - Monolithic Power Systems MP4561 Datasheet HTML 6Page - Monolithic Power Systems MP4561 Datasheet HTML 7Page - Monolithic Power Systems MP4561 Datasheet HTML 8Page - Monolithic Power Systems MP4561 Datasheet HTML 9Page - Monolithic Power Systems MP4561 Datasheet HTML 10Page - Monolithic Power Systems MP4561 Datasheet HTML 11Page - Monolithic Power Systems MP4561 Datasheet HTML 12Page - Monolithic Power Systems MP4561 Datasheet HTML 13Page - Monolithic Power Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 17 page
background image
MP4561 – 1.5A, 2MHz, 55V STEP-DOWN CONVERTER
MP4561 Rev. 1.0
www.MonolithicPower.com
9
11/5/2012
MPS Proprietary Information. Patent Protected. Unauthorized Photocopy and Duplication Prohibited.
© 2012 MPS. All Rights Reserved.
comparator is first blanked till the end of the turn-
on transition to avoid noise issues. The
comparator then compares the power switch
current with the COMP voltage. When thesensed
current is higher than the COMP voltage, the
comparator output is low, turning off the power
MOSFET. The cycle-by-cycle maximum current
of the internal power MOSFET is internally
limited.
Short Circuit Protection
When the output is shorted to the ground, the
switching frequency is folded back and the
current limit is reduced to lower the short circuit
current. When the voltage of FB is at zero, the
current limit is reduced to about 50% of its full
current limit. When FB voltage is higher than
0.4V, current limit reaches 100%.
In short circuit FB voltage is low, the SS is pulled
down by FB and SS is about 100mV above FB.
In case the short circuit is removed, the output
voltage will recover at the SS pace. When FB is
high enough, the frequency and current limit
return to normal values.
Startup and Shutdown
If both VIN and EN are higher than their
appropriate thresholds, the chip starts. The
reference block starts first, generating stable
reference voltage and currents, and then the
internal regulator is enabled. The regulator
provides stable supply for the remaining circuits.
While the internal supply rail is up, an internal
timer holds the power MOSFET OFF for about
50µs to blank the startup glitches. When the
external soft-start block is enabled, it first holds
its SS output low to ensure the remaining circuits
are ready and then slowly ramps up at a rate
proportional to the size of the external CSS
capacitor.
Three events can shut down the chip: EN low,
VIN low and thermal shutdown. In the shutdown
procedure, power MOSFET is turned off first to
avoid any fault triggering. The COMP voltage and
the internal supply rail are then pulled down.
Programmable Oscillator
The MP4561 oscillating frequency is set by an
external resistor, RFREQ from the FREQ pin to
ground. The value of RFREQ can be calculated
from:
FREQ
S
100000
R(k )
5
f(k Hz)
Ω =−
To get fSW=500kHz, RFREQ=195kΩ.
Soft-Start
The soft-start is implemented to prevent the
converter output voltage from overshooting
during startup and short circuit recovery phases.
Internally the soft-start voltage VSS is the voltage
at SS pin offset by a voltage of about 1V. VSS is
applied on the error amplifier in parallel with the
internal reference voltage REF. The error
amplifier is controlled by VSS or REF whichever
is lower. So when VSS ramps up from 0 to high,
the controller tries to regulate FB from zero to
REF at the VSS ramp-up pace.
There is a 5μA current source pulling up SS pin.
Given the soft-start capacitor CSS, the soft-start
time is about the time CSS voltage changes 0.8V.
So the soft-start time can be computed as:
SS
SS
C0.8 V
t
5μA
×
=
Soft-start Time vs.
Soft-start Capacitance
0
5
10
15
20
25
30
35
5
55
105
155
205
SS CAPACITANCE (nF)
Figure 2—Recommend SS time vs.
SS Capacitance
Figure 2 shows the soft-start time with different
external soft-start capacitance. The typical soft-
start capacitance is recommended from 5.6nF to
220nF.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com