Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PDTC123TS Datasheet(PDF) 8 Page - NXP Semiconductors

Part # PDTC123TS
Description  NPN resistor-equipped transistors; R1 = 2.2 kW, R2 = open
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

PDTC123TS Datasheet(HTML) 8 Page - NXP Semiconductors

Back Button PDTC123TS Datasheet HTML 2Page - NXP Semiconductors PDTC123TS Datasheet HTML 3Page - NXP Semiconductors PDTC123TS Datasheet HTML 4Page - NXP Semiconductors PDTC123TS Datasheet HTML 5Page - NXP Semiconductors PDTC123TS Datasheet HTML 6Page - NXP Semiconductors PDTC123TS Datasheet HTML 7Page - NXP Semiconductors PDTC123TS Datasheet HTML 8Page - NXP Semiconductors PDTC123TS Datasheet HTML 9Page - NXP Semiconductors PDTC123TS Datasheet HTML 10Page - NXP Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 8 / 10 page
background image
PDTC123T_SER_1
© Koninklijke Philips Electronics N.V. 2006. All rights reserved.
Product data sheet
Rev. 01 — 10 March 2006
8 of 10
Philips Semiconductors
PDTC123T series
NPN resistor-equipped transistors; R1 = 2.2 k
Ω, R2 = open
10. Revision history
Table 10.
Revision history
Document ID
Release date
Data sheet status
Change notice
Supersedes
PDTC123T_SER_1
20060310
Product data sheet
-
-



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com