Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MP4600DQ Datasheet(PDF) 5 Page - Monolithic Power Systems

Part # MP4600DQ
Description  High-Voltage WLED Driver For Large Panel TV Backlighting
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MPS [Monolithic Power Systems]
Direct Link  http://www.monolithicpower.com
Logo MPS - Monolithic Power Systems

MP4600DQ Datasheet(HTML) 5 Page - Monolithic Power Systems

  MP4600DQ Datasheet HTML 1Page - Monolithic Power Systems MP4600DQ Datasheet HTML 2Page - Monolithic Power Systems MP4600DQ Datasheet HTML 3Page - Monolithic Power Systems MP4600DQ Datasheet HTML 4Page - Monolithic Power Systems MP4600DQ Datasheet HTML 5Page - Monolithic Power Systems MP4600DQ Datasheet HTML 6Page - Monolithic Power Systems MP4600DQ Datasheet HTML 7Page - Monolithic Power Systems MP4600DQ Datasheet HTML 8Page - Monolithic Power Systems  
Zoom Inzoom in Zoom Outzoom out
 5 / 8 page
background image
MP4600 – WHITE LED DRIVER FOR UP TO 55 INCH TV BACKLIGHTING
MP4600 Rev. 0.91
www.MonolithicPower.com
5
1/6/2012
MPS Proprietary Information. Unauthorized Photocopy and Duplication Prohibited.
© 2012 MPS. All Rights Reserved.
OPERATION
The MP4600 is a current mode controlled Buck-
Boost regulator. The sensing resistor senses the
LED current and feeds it back to an error
amplifier, which regulates it to 198mV with an
inside compensation network. The COMP pin is
the output of the error amplifier. The inductor
peak current is proportional to the COMP pin
voltage. An increase of the COMP voltage
increases the current delivered to the output.
Open LED Protection
If the LED is open, there is no voltage on the FB
pin. The duty cycle will increase until VDD- VSS
reaches to 55V or VOVP-VSS reaches the
shutdown threshold set by the external resistor.
The top switch will turn off until the voltage VDD-
VSS and VOVP-VSS decreases sufficiently.
Dimming Control
The MP4600 allows both DC and PWM dimming.
When the voltage on EN is <0.6V, the chip is
turned off. For analog dimming, when the voltage
on EN is from 0.7V to 1.4V, the LED current will
change from 0% to 100% of the maximum LED
current. If the voltage on EN pin is higher than
1.4, maximum LED current will be generated. For
PWM dimming, its amplitude (VDIM – VINGND) must
exceed 1.5V. The PWM waveform is internally
clamped to 0.198V.
COMP
Figure 1—Functional Block Diagram



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com