Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MP4603 Datasheet(PDF) 15 Page - Monolithic Power Systems

Part # MP4603
Description  White LED Driver for Large LCD TV Backlights
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MPS [Monolithic Power Systems]
Direct Link  http://www.monolithicpower.com
Logo MPS - Monolithic Power Systems

MP4603 Datasheet(HTML) 15 Page - Monolithic Power Systems

Back Button MP4603 Datasheet HTML 10Page - Monolithic Power Systems MP4603 Datasheet HTML 11Page - Monolithic Power Systems MP4603 Datasheet HTML 12Page - Monolithic Power Systems MP4603 Datasheet HTML 13Page - Monolithic Power Systems MP4603 Datasheet HTML 14Page - Monolithic Power Systems MP4603 Datasheet HTML 15Page - Monolithic Power Systems MP4603 Datasheet HTML 16Page - Monolithic Power Systems MP4603 Datasheet HTML 17Page - Monolithic Power Systems MP4603 Datasheet HTML 18Page - Monolithic Power Systems  
Zoom Inzoom in Zoom Outzoom out
 15 / 18 page
background image
MP4603 – WHITE LED DRIVER FOR LARGE SIZE BACKLIGHTING
MP4603 Rev1.0
www.MonolithicPower.com
15
4/27/2012
MPS Proprietary Information. Patent Protected. Unauthorized Photocopy and Duplication Prohibited.
© 2012 MPS. All Rights Reserved.MP4603
Figure 5: LED Driver Schematic Used for Evaluation (EV4603-S-00A)
Setting Current Sense Resistor
The sense resistor RFB is:
FB
LED
0.200V
R
I
Use two 3.32Ω resistor in parallel (R15 and R16)
as the LED current sensor resistor.
Setting the Frequency Set Resistor
The
following
equation
determines
the
frequency set resistor, R18:
S
0.95MHz 60k
R18
f
Select 300kΩ to set the switching frequency to
about 200kHz.
Selecting the Inductor
Select an inductor such that the circuit always
operates in CCM as per the following equation:

 
IN_min
OUT_max
OUT_max
S
IN_min
OUT_max
LED
IN_min
VV
L1
V
f(V
V
) η I(1
)
V
Where
 is about 40% to 60%. Select an
inductance of 100μH and the inductor peak-to-
peak current of 0.49A.
Select an inductor that does not saturate at the
maximum peak current, which is:
L_ PK
L_ AVG
L
II
0.5
I
 
Select L1=100μH with a saturation current of
1.5A
Setting the Slope Compensation
The voltage across the inductor in the buck-
boost converter is the output voltage. The
maximum slope compensation is:

OUT_max
DOWN
V
S0.4V/ s
L
To ensure current-loop stability, select a
compensation slope that is at least half of the
needed ramp-down slope:
SC
DOWN
1
SS
2

SSC≥0.11V/μs. Use the slope compensation
resistor RSLOPE to set the slope compensation
for the current loop as per the following
equation:
SC
V
0.6
s
R19 60kΩ
S

Based
on
this
equation,
the
slope
compensation resistor cannot exceed 330kΩ.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com