Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MP4653GY Datasheet(PDF) 21 Page - Monolithic Power Systems

Part # MP4653GY
Description  Real LIPS CC/CV Mode LLC TV LED Driver
PDF  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MPS [Monolithic Power Systems]
Direct Link  http://www.monolithicpower.com
Logo MPS - Monolithic Power Systems

MP4653GY Datasheet(HTML) 21 Page - Monolithic Power Systems

Back Button MP4653GY Datasheet HTML 17Page - Monolithic Power Systems MP4653GY Datasheet HTML 18Page - Monolithic Power Systems MP4653GY Datasheet HTML 19Page - Monolithic Power Systems MP4653GY Datasheet HTML 20Page - Monolithic Power Systems MP4653GY Datasheet HTML 21Page - Monolithic Power Systems MP4653GY Datasheet HTML 22Page - Monolithic Power Systems MP4653GY Datasheet HTML 23Page - Monolithic Power Systems MP4653GY Datasheet HTML 24Page - Monolithic Power Systems MP4653GY Datasheet HTML 25Page - Monolithic Power Systems  
Zoom Inzoom in Zoom Outzoom out
 21 / 25 page
background image
MP4653—REAL LIPS CC/CV MODE LLC TV LED DRIVER
MP4653 Rev 1.01
www.MonolithicPower.com
21
6/28/2012
MPS Proprietary Information. Patent Protected. Unauthorized Photocopy and Duplication Prohibited.
© 2012 MPS. All Rights Reserved.
Setting the Over Current Protection for the
bus stage (Pin3 VOCP)
This pin implements the over current protection
for the bus stage. The current of the bus stage is
sensed to this pin with a negative polarity. When
the voltage on this pin is lower than -100mV, the
IC triggers the bus stage protection.
OCP _ Bus
VOCP
100mV
I
R
Usually, the protection point is around 1.5 to 3
times of the normal current of the bus stage.
Setting the Over Current Protection for the
LED stage (Pin8 SSD)
This pin detects the current through the LED
stage with a negative polarity. When the voltage
on this pin gets lower than -200mV, IC triggers
LED stage protection.
OCP _ LED
OCP
200mV
I
R
The over current protection point for the LED
stage could usually set at around 1.5 to 2 times
of the total current through the LED strings.
Setting the Voltage loop compensation (Pin5
VCOMP)
This pin is connected to the output of the inner
error amplifier for the voltage control loop through
an internal switch. Place a RC (RVCOMP, CVCOMP)
network on this pin for compensating the voltage
control loop.
Usually, a ceramic capacitor in range of 47nF to
470nF and a resistor in range of 2kΩ to 200kΩis
recommended for the compensation.
This pin is also used as the hiccup mode fault
timer. When fault condition in the bus stage
occurs, the inner switch which connects this pin
to the output of error amplifier for voltage control
loop turns off and a 2μA current source will
charge this pin to 3V and then discharge it to
0.45V. IC auto recovers after the hiccup timer.
The hiccup delay time is:
VCOMP
VCOMP
VCOMP
hiccup _ V
C(3V V
) C
2.5V
T
2A
2A



Setting the current loop compensation (Pin6
ICOMP)
This pin is connected to the output of the inner
error amplifier for the current control loop through
an internal switch. Place a RC (RICOMP, CICOMP)
network on this pin for the current control loop
compensation.
Usually, a ceramic capacitor in range of 47nF to
470nF and a resistor in range of 200Ω to 5kΩis
recommended for the compensation.
This pin is also used as the hiccup mode fault
timer for the LED stage. When fault condition
occurs in the LED stage, the inner switch which
connects this pin to the output of the error
amplifier for current control loop turns off and a
current source will charge this pin to 3V and then
discharge it to 0.45V. The control for the LED
stage auto recovers after this hiccup timer.
The hiccup delay time is:
ICOMP
ICOMP0
ICOMP
hiccup _ I
C(3V V
) C
2.5V
T
2A
2A



Analog Dimming (Pin 13, A-Dim)
This pin is for analog dimming. Applying a
voltage in range of 0V to 1.18V dims the LED
current from 0 to 100%. It has positive polarity for
the analog dimming. A ceramic capacitor is
recommended on this pin to bypass it.
PWM Dimming input (Pin 14, PWMIN)
This pin is for PWM dimming input. Applying a
PWM dimming signal with frequency in range of
100Hz to 2kHz on this pin. It has positive polarity
for the PWM dimming.
At PWM on interval, the LED current is regulated
and at PWM off interval, the voltage control loop
for the DC bus functions. The DC bus voltage is
regulated at the value of that in PWM on interval.
Supply Input (Pin 15, VIN)
This pin is the supply input voltage for the IC.
Bypass this pin with a 0.1uF or larger ceramic
capacitor.
IC starts to work when the VIN voltage is applied.
If PWMIN pin is high, the LED current control
loop is effective and if the PWMIN pin is low, the
voltage control loop for the DC bus control is
effective. If an “Enable” signal is required to



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com