Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MP4690 Datasheet(PDF) 10 Page - Monolithic Power Systems

Part # MP4690
Description  Smart Bypass For LED Open Protection
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MPS [Monolithic Power Systems]
Direct Link  http://www.monolithicpower.com
Logo MPS - Monolithic Power Systems

MP4690 Datasheet(HTML) 10 Page - Monolithic Power Systems

Back Button MP4690 Datasheet HTML 3Page - Monolithic Power Systems MP4690 Datasheet HTML 4Page - Monolithic Power Systems MP4690 Datasheet HTML 5Page - Monolithic Power Systems MP4690 Datasheet HTML 6Page - Monolithic Power Systems MP4690 Datasheet HTML 7Page - Monolithic Power Systems MP4690 Datasheet HTML 8Page - Monolithic Power Systems MP4690 Datasheet HTML 9Page - Monolithic Power Systems MP4690 Datasheet HTML 10Page - Monolithic Power Systems MP4690 Datasheet HTML 11Page - Monolithic Power Systems  
Zoom Inzoom in Zoom Outzoom out
 10 / 11 page
background image
MP4690 – SMART BYPASS FOR LED OPEN PROTECTION
MP4690 Rev. 1.0
www.MonolithicPower.com
10
7/7/2011
MPS Proprietary Information. Patent Protected. Unauthorized Photocopy and Duplication Prohibited.
© 2011 MPS. All Rights Reserved.
TYPICAL APPLICATION CIRCUITS
GND
R4
0
DIM
LED-
LED3
LED+
R2
C8
NS
C6
NS
C2
LED2
C7
NS
LED1
VIN
EN
C4
D1
STPS1H100
R1
U3
MP4690
U1
MP4690
C1
C3
U2
MP4690
L1
4
BST
2 N/C
1
FB
5
SW
7
EN
8
GND
3
VIN
6
DIM
9
GND
U0
MP4688DN
Figure 6 MP4688 Based Application – Without Output Capacitor
1%
100V
100V
LED-
LED+
EN
GND
VIN
C8
82pF
R7
167k
R10
0
C9
NS
B180
LED3
U3
MP4690
U4
MP4690
C4
D1
R3
R4
LED1
LED2
U2
MP4690
C7
22nF
MP2488
100nF
C1
C12
NS
C14
NS
L2
C5
R8
10k
C13
NS
C2
5
GND
8
BST
6
FREQ
2
EN
4
FB
1
SW
7
VIN
3
COMP
U1
L1
Figure 7 MP2488 Based Application – With Output Capacitor



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com