Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MP4690GSD Datasheet(PDF) 2 Page - Monolithic Power Systems

Part # MP4690GSD
Description  Smart Bypass For LED Open Protection
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MPS [Monolithic Power Systems]
Direct Link  http://www.monolithicpower.com
Logo MPS - Monolithic Power Systems

MP4690GSD Datasheet(HTML) 2 Page - Monolithic Power Systems

  MP4690GSD Datasheet HTML 1Page - Monolithic Power Systems MP4690GSD Datasheet HTML 2Page - Monolithic Power Systems MP4690GSD Datasheet HTML 3Page - Monolithic Power Systems MP4690GSD Datasheet HTML 4Page - Monolithic Power Systems MP4690GSD Datasheet HTML 5Page - Monolithic Power Systems MP4690GSD Datasheet HTML 6Page - Monolithic Power Systems MP4690GSD Datasheet HTML 7Page - Monolithic Power Systems MP4690GSD Datasheet HTML 8Page - Monolithic Power Systems MP4690GSD Datasheet HTML 9Page - Monolithic Power Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 11 page
background image
MP4690 – SMART BYPASS FOR LED OPEN PROTECTION
MP4690 Rev. 1.0
www.MonolithicPower.com
2
7/7/2011
MPS Proprietary Information. Patent Protected. Unauthorized Photocopy and Duplication Prohibited.
© 2011 MPS. All Rights Reserved.
ORDERING INFORMATION
Part Number*
Package
Top Marking
Free Air Temperature (TA)
MP4690GSD
SOD123
AAY
-40
C to +105C
*
For Tape & Reel, add suffix –Z (e.g. MP4690GSD–Z)
For RoHS Compliant Packaging, add suffix –LF (e.g. MP4690GSD–LF–Z)
PACKAGE REFERENCE
1
2
Drain
Source
ABSOLUTE MAXIMUM RATINGS
(1)
Drain to Source Voltage...............-0.3V to +7.5V
Continuous Power Dissipation
(TA=+25C)
(2)
........................................................... 0.37W
Junction Temperature...............................150
C
Lead Temperature ....................................260
C
Storage Temperature............... -65°C to +150
C
Recommended Operating Conditions
(3)
Maximum On-state Current......................... 0.7A
Maximum Junction Temp. (TJ) ............. +125°C
Thermal Resistance
(4)
θJA
θJC
SOD123 .................................340 .... 150 ..
C/W
Notes:
1) Exceeding these ratings may damage the device.
2) The maximum allowable power dissipation is a function of the
maximum junction temperature TJ(MAX), the junction-to-
ambient thermal resistance θJA, and the ambient temperature
TA. The maximum allowable continuous power dissipation at
any ambient temperature is calculated by PD(MAX)=(TJ(MAX)-
TA)/ θJA. Exceeding the maximum allowable power dissipation
will cause excessive die temperature, and the regulator will go
into thermal shutdown. Internal thermal shutdown circuitry
protects the device from permanent damage.
3) The device is not guaranteed to function outside of its
operating conditions.
4) Measured on JESD51-7, 4-layer PCB.



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com