Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MP6002 Datasheet(PDF) 10 Page - Monolithic Power Systems

Part # MP6002
Description  Monolithic Flyback/Forward DC-DC Converter
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MPS [Monolithic Power Systems]
Direct Link  http://www.monolithicpower.com
Logo MPS - Monolithic Power Systems

MP6002 Datasheet(HTML) 10 Page - Monolithic Power Systems

Back Button MP6002 Datasheet HTML 6Page - Monolithic Power Systems MP6002 Datasheet HTML 7Page - Monolithic Power Systems MP6002 Datasheet HTML 8Page - Monolithic Power Systems MP6002 Datasheet HTML 9Page - Monolithic Power Systems MP6002 Datasheet HTML 10Page - Monolithic Power Systems MP6002 Datasheet HTML 11Page - Monolithic Power Systems MP6002 Datasheet HTML 12Page - Monolithic Power Systems MP6002 Datasheet HTML 13Page - Monolithic Power Systems MP6002 Datasheet HTML 14Page - Monolithic Power Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 15 page
background image
MP6002 – MONOLITHIC FLYBACK/FORWARD DC-DC CONVERTER
MP6002 Rev. 1.0
www.MonolithicPower.com
10
12/4/2013
MPS Proprietary Information. Patent Protected. Unauthorized Photocopy and Duplication Prohibited.
© 2013 MPS. All Rights Reserved.
APPLICATION INFORMATION
Switching Frequency
The frequency (fS), has big effects on the
selection of the transformer (Tr), the output cap,
(C2), and the input cap, (C1). The higher the
frequency, the smaller the sizes for Tr, C2, and
C1. However, a higher frequency also leads to
higher AC power losses in the power switch,
control circuitry, transformer, and in the external
interconnection. The general rule states that
lower the output power, higher the optimum
switching frequency. For low current (<10A)
applications, fS is usually 200KHz to 300KHz if
synchronous rectifiers are used and 300KHz to
500KHz if Schottky rectifiers are used.
Fundamental Equations
The transformer turns ratio N is defined as:
S
P
N
N
N
Where NP and NS are the number of turns of the
primary
and
secondary
side
windings,
respectively.
The output voltage VO is estimated to be:
N
V
D
1
D
V
IN
O
Where D is the duty cycle.
The steady-state drain to source voltage of the
primary power switch when it is off is estimated
as:
O
IN
DS
V
N
V
V
The steady-state reverse voltage of the
Schottky diode D2 is estimated as:
N
V
V
V
IN
O
2
D
The output current is calculated as:
)
D
1
(
I
I
D
O
Where ID is the average current through
Schottky diode when it is conducting.
The input current is calculated as:
D
I
I
S
IN
Where IS is the average current through the
primary power switch when it is conducting.
Transformer (Coupled Inductor) Design
1. Transformer Turns Ratio
The transformer turns ratio determines the duty
cycle range, selection of the rectifier (D2),
primary side peak current, primary snubber loss,
and the current as well as voltage stresses on
the power switch (S). It also has effects on the
selection of C1 and C2. A higher transformer
turns ratio (N) means the following:
 Higher Duty Cycle
 Higher voltage stress on S (VDS), but
lower voltage stress on D2 (VD2).
 Lower primary side RMS current (IS(RMS)),
but higher secondary side RMS current
(ID2(RMS)).
 Use of a smaller input capacitor but
bigger output capacitor.
 Lower primary side peak current (IS(PEAK))
and lower primary snubber loss.
 Lower main switch (S) turn-on loss
For
a
5V
power
supply
design,
with
VIN=36V~75V, below table shows the voltage
stresses of the power switch (S) and the
rectifier (D2).
Table 1—Main Switch (S) and Rectifier (D2)
Voltage Stress vs. Transformer Turns Ratio
N
DMAX
VDS
(V)
VDS/0.9
(V)
VD2
(V)
VD2/0.9
(V)
4
0.36
119
132
38
42
5
0.41
125
139
32
36
6
0.45
131
146
28
31
7
0.49
138
153
25
28
8
0.53
144
160
23
26
9
0.56
150
167
21
24
10
0.58
156
174
20
22
11
0.60
163
181
19
21
Note:
The voltage spike due to the leakage inductance of the
transformer and device’s voltage rating/derating factors were
considered. See power switch selection and snubber design for
more information.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com