Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MP7740 Datasheet(PDF) 8 Page - Monolithic Power Systems

Part # MP7740
Description  15W Class D Mono Single Ended Audio Amplifer
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MPS [Monolithic Power Systems]
Direct Link  http://www.monolithicpower.com
Logo MPS - Monolithic Power Systems

MP7740 Datasheet(HTML) 8 Page - Monolithic Power Systems

Back Button MP7740 Datasheet HTML 4Page - Monolithic Power Systems MP7740 Datasheet HTML 5Page - Monolithic Power Systems MP7740 Datasheet HTML 6Page - Monolithic Power Systems MP7740 Datasheet HTML 7Page - Monolithic Power Systems MP7740 Datasheet HTML 8Page - Monolithic Power Systems MP7740 Datasheet HTML 9Page - Monolithic Power Systems MP7740 Datasheet HTML 10Page - Monolithic Power Systems MP7740 Datasheet HTML 11Page - Monolithic Power Systems MP7740 Datasheet HTML 12Page - Monolithic Power Systems  
Zoom Inzoom in Zoom Outzoom out
 8 / 12 page
background image
MP7740 – 15W CLASS D MONO SINGLE ENDED AUDIO AMPLIFIER
MP7740 Rev. 0.9
www.MonolithicPower.com
8
9/22/2009
MPS Proprietary Information. Unauthorized Photocopy and Duplication Prohibited.
© 2009 MPS. All Rights Reserved.
APPLICATION INFORMATION
COMPONENT SELECTION
The MP7740 uses a minimum number of external
components to complete a stereo Class D audio
amplifier. The circuit of Figure 1 should be
suitable for most applications, and use the
following sections to determine how to customize
the amplifier for a particular application.
Setting the Voltage Gain
The maximum output voltage swing is limited by
the power supply. To achieve the maximum
power out of the MP7740 amplifier, set the gain
such that the maximum input signal results in the
maximum output voltage swing.
The maximum output voltage swing is ±VDD/2.
For a given input signal voltage, where VIN (pk) is
the peak input voltage, the maximum voltage
gain is:
)
pk
(
V
2
V
)
MAX
(
A
IN
DD
V
×
=
This voltage gain setting results in the peak
output voltage approaching it’s maximum for the
maximum input signal. In some cases the
amplifier is allowed to overdrive slightly, allowing
the THD to increase at high power levels, and so
a higher gain than AV (max) is required.
Setting the Switching Frequency
The idle switching frequency (the switching
frequency when no audio input is present) is a
function of several variables: the supply voltage
VDD, the timing capacitor CINT and the feedback
resistor RFB. Lower switching frequencies result
in more inductor ripple, causing more quiescent
output voltage ripple and increasing the output
noise
and
distortion.
Higher
switching
frequencies result in more power loss. The
optimum
quiescent
switching
frequency
is
approximately 600KHz to 700KHz. Refer to the
Operating
Specifications
for
recommended
values.
Table 1—Switching Frequency vs. VDD, Timing
Capacitor and Feedback Resistor (see Figure 1)
Gain
(V/V)
Gain
(dB)
RFB
(kΩ)
RIN
(kΩ)
CINT
FSW
VDD
(V)
3.9
11.8
39
10
6.8nF
660KHz
12
8.2
18.3
82
10
3.3nF
660KHz
12
8.3
18.4
39
4.7
6.8nF
660KHz
12
12.0
21.6
120
10
2.2nF
610KHz
12
17.4
24.8
82
4.7
3.3nF
660KHz
12
25.5
28.1
120
4.7
2.2nF
610KHz
12
5.6
15.0
56
10
8.2nF
670KHz
24
8.2
18.3
82
10
5.6nF
720KHz
24
11.9
21.5
56
4.7
8.2nF
670KHz
24
12.0
21.6
120
10
4.7nF
620KHz
24
17.4
24.8
82
4.7
5.6nF
720KHz
24
25.5
28.1
120
4.7
4.7nF
620KHz
24
33.0
30.4
330
10
1.8nF
700KHz
24
Choosing the LC Filter
The Inductor-Capacitor (LC) filter converts the
pulse train at SW to the output voltage that drives
the speaker.
The characteristic frequency of the LC filter
needs to be high enough to allow high frequency
audio to the output, yet needs to be low enough
to filter out high frequency products of the pulses
from SW. The characteristic frequency of the LC
filter is:
LC
2
1
f0
π
=
The voltage ripple at the output is approximated
by the equation:
⎟⎟
⎠
⎞
⎜⎜
⎝
⎛
×
≅
SW
0
DD
RIPPLE
f
f
V
V
The quality factor (Q) of the LC filter is important.
If this is too low, output noise will increase, if this is
too high, then peaking may occur at high signal
frequencies reducing the passband flatness. The
circuit Q is set by the load resistance (speaker
resistance, typically 4Ω or 8Ω). The Q is
calculated as:



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com