Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AD7303 Datasheet(PDF) 7 Page - Analog Devices

Part # AD7303
Description  2.7 V to 5.5 V, Serial Input, Dual Voltage Output 8-Bit DAC
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD7303 Datasheet(HTML) 7 Page - Analog Devices

Back Button AD7303 Datasheet HTML 3Page - Analog Devices AD7303 Datasheet HTML 4Page - Analog Devices AD7303 Datasheet HTML 5Page - Analog Devices AD7303 Datasheet HTML 6Page - Analog Devices AD7303 Datasheet HTML 7Page - Analog Devices AD7303 Datasheet HTML 8Page - Analog Devices AD7303 Datasheet HTML 9Page - Analog Devices AD7303 Datasheet HTML 10Page - Analog Devices AD7303 Datasheet HTML 11Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 16 page
background image
AD7303
–7–
REV. 0
T
←
DAC A = NORMAL OPERATION
DAC B INITIALLY IN POWER
DOWN
1
2
VOUT B
SYNC
DAC B EXITING
POWER DOWN
CH1 2V, CH2 5V, M 500ns
VDD = +5V
INTERNAL REFERENCE
TA = 25 C
Figure 12. Exiting Power-Down
(Partial Power-Down)
Input Code (10 to 245)
0
255
32
64
96
128 160
192
224
DAC B
DAC A
VDD = +5V
INTERNAL REFERENCE
5k
Ω 100pF LOAD
LIMITED CODE RANGE (10-245)
TA = 25°C
–0.5
0.4
0.1
–0.1
–0.3
–0.4
0.3
0.2
0
–0.2
0.5
Figure 15. Integral Linearity Plot
05
0.5
1
1.5
2
2.5
3
3.5
4
4.5
4
0
7
6
2
1
5
3
VDD = +5V
VDD = +3V
Figure 13. Supply Current vs.
Logic Input Voltage
VDD = +5V
INTERNAL REFERENCE
0.5
0.4
0.3
0.2
0.1
0
–0.1
–0.2
–0.3
–0.4
–0.5
–60 –40 –20
0
20
40
60
80 100 120 140
TEMPERATURE – C
Figure 16. Typical INL vs.
Temperature
2
1
VOUT
CH1 5.00V, CH2 50.0mV, M 250ns
SYNC
VDD = +5V
INTERNAL VOLTAGE
REFERENCE
10 LSB STEP CHANGE
TA = 25 C
Figure 14. Small Scale Settling
Time
VDD = +5V
INTERNAL REFERENCE
0.5
0.4
0.3
0.2
0.1
0
–0.1
–0.2
–0.3
–0.4
–0.5
–60 –40 –20
0
20
40
60
80 100 120 140
TEMPERATURE – C
Figure 17. Typical DNL vs.
Temperature
TEMPERATURE – C
500
400
200
100
0
300
–50
0
50
100
150
VDD = +5.5V
VIL AND VIH = 0V OR VDD
–25
25
75
125
Figure 19. Power-Down Current vs.
Temperature
VDD = +5V
0.6
0.4
0.2
0
–60 –40 –20
0
20
40
60
80 100 120 140
TEMPERATURE – C
0.8
1.0
Figure 18. Typical Internal Reference
Error vs. Temperature



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com