Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LS33600LM Datasheet(PDF) 2 Page - saftbatteries

Part # LS33600LM
Description  3.6V Primary lithium-thionyl chloride High energy D-size bobbin cell with low magnetic signature
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SAFT [saftbatteries]
Direct Link  https://www.saftbatteries.com/
Logo SAFT - saftbatteries

LS33600LM Datasheet(HTML) 2 Page - saftbatteries

  LS33600LM Datasheet HTML 1Page - saftbatteries LS33600LM Datasheet HTML 2Page - saftbatteries  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
Saft
12, rue Sadi Carnot
93170 Bagnolet - France
Tel +33 1 49 93 19 18
Fax +33 1 49 93 19 69
www.saftbatteries.com
Doc. No 31039-2-0904
Published by the Communications Department
Information in this document is subject to change without notice
and becomes contractual only after written confirmation by Saft.
For more details on primary lithium technologies please refer to
Primary Lithium Batteries Selector Guide Doc No 31048-2-0604.
Photo credit: Saft
Produced by Arthur Associates
Société anonyme au capital de 31 944 000
RCS Bobigny B 383 703 873
LS 33600LM
Storage
The storage area should be clean,
cool (not exceeding + 30°C), dry
and ventilated.
Warning
Fire, explosion and severe burn
hazard.
Do not recharge, short circuit, crush,
disassemble, heat above 100°C
(212°F), incinerate, or expose
contents to water.
Do not solder directly to the cell.
0.1
1
10
100
1000
+55
°C
-20
°C
+20
°C
-40
°C
3.6
3.5
3.4
3.3
3.2
3.1
3.0
2.9
2.8
2.7
2.6
2.5
3.5
3.3
3.1
2.9
2.7
2.5
2.3
2.1
1.9
1.7
0.1
1
10
100
1000
10000
0.1
1
10
100
1000
16.0
14.0
12.0
10.0
8.0
6.0
4.0
2.0
0
+20
°C
-20
°C
-40
°C
Current (mA)
Voltage plateau versus Current and Temperature (at mid-discharge)
Time (hours)
Typical discharge profiles at + 20°C
Current (mA)
Restored Capacity versus Current and Temperature (2.0V cut off)
Dimensions in mm.
Ø 33.2
± 0.2
Ø 9.3
± 0.1
(on flat surface)
Ø 18.0
± 0.2
(on flat surface)
59.6
± 0.6
0.6
± 0.2
0.5



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com