Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AS209-321 Datasheet(PDF) 3 Page - Alpha Industries

Part # AS209-321
Description  GaAs IC Reflective SPDT DC-6 GHz
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ALPHA [Alpha Industries]
Direct Link  http://www.alphaind.com
Logo ALPHA - Alpha Industries

AS209-321 Datasheet(HTML) 3 Page - Alpha Industries

  AS209-321 Datasheet HTML 1Page - Alpha Industries AS209-321 Datasheet HTML 2Page - Alpha Industries AS209-321 Datasheet HTML 3Page - Alpha Industries  
Zoom Inzoom in Zoom Outzoom out
 3 / 3 page
background image
GaAs IC Reflective SPDT DC–6 GHz
AS209-321
Alpha Industries, Inc. [978] 241-7000
• Fax [978] 241-7906 • Email sales@alphaind.com • www.alphaind.com
3
Specifications subject to change without notice. 1/02A
SK39507
Rev 2
SPDT
J2
VC2
J1
VC1
J
3
Board material: 10 mil FR4.
Ground
Via (Typical)
1.250
0.738
0.018
Evaluation Board Layout
Typical S-Parameters (Control Voltage 0/+5 V)
QFN-12
0.008 (0.20 mm)
SEATING PLANE
0.118 (3.00 mm)
PIN 1
INDICATOR
PIN 1
INDICATOR
0.118
(3.00 mm)
0.001
(0.02 mm)
0.030
(0.75 mm)
± 0.002
(0.05 mm)
EXPOSED
PAD
0.029
(0.73 mm)
0.0196
(0.50 mm) BSC
0.057 (1.45 mm) SQ.
+ 0.004 (0.10 mm)
- 0.006 (0.15 mm)
0.009 (0.23 mm)
+ 0.003 (0.07 mm)
- 0.002 (0.05 mm)
Insertion Loss State
Isolation State
# GHZ S DB R 50
# GHZ S DB R 50
Freq.
(GHz)
S11
S11a
S21
S21a
S12
S12a
S22
S22a
S11
S11a
S21
S21a
S12
S12a
S22
S22a
0.50
-5.5
-90.1
-1.63
-2.6
-1.63
-1.9
-5.6
-122.6
-0.8
-98.7
-38.4
6.6
-39.5
10.0
-5.5
-122.4
0.95
-11.1
-136.0
-0.72
-51.1
-0.72
-50.0
-11.1
163.9
-1.6
-170.6
-36.3
-16.4
-35.8
-15.8
-11.0
162.9
1.50
-16.9
-177.2
-0.63
-98.3
-0.63
-98.6
-16.6
81.8
-2.2
120.6
-34.6
-45.2
-34.9
-46.3
-16.9
78.9
1.90
-19.7
165.5
-0.68
-130.2
-0.68
-130.6
-19.9
15.9
-2.3
78.5
-33.3
-67.2
-34.1
-68.1
-20.6
15.0
2.40
-18.3
128.3
-0.75
-170.0
-0.75
-168.5
-19.0
-67.9
-2.3
31.9
-32.1
-94.8
-31.4
-90.3
-19.8
-67.6
2.95
-15.7
68.2
-0.84
147.6
-0.84
148.2
-15.4
-141.6
-2.3
-14.9
-31.1
-127.6
-31.5
-126.0
-15.6
-140.3
3.55
-14.7
0.0
-0.99
104.4
-0.99
103.5
-13.1
147.3
-2.3
-63.1
-29.6
-160.3
-30.8
-159.6
-14.0
153.8
4.05
-13.9
-49.6
-1.04
67.4
-1.04
66.8
-12.8
96.4
-2.3
-101.6
-28.8
175.2
-29.3
172.7
-12.3
100.0
4.40
-14.2
-85.7
-1.07
41.4
-1.07
41.4
-13.1
57.7
-2.4
-128.0
-27.4
153.3
-28.0
155.5
-12.6
58.5
4.90
-16.9
-124.1
-1.14
4.1
-1.14
4.0
-15.9
-14.0
-2.4
-165.4
-25.9
122.8
-26.5
122.9
-15.7
-9.1
5.40
-17.2
-129.9
-1.13
-34.6
-1.13
-34.6
-17.7
-119.1
-2.5
158.1
-24.9
89.9
-25.8
89.6
-16.7
-111.6
6.00
-12.0
-165.9
-1.21
-82.2
-1.21
-81.2
-12.3
133.0
-2.6
114.2
-23.2
47.8
-23.9
47.4
-11.7
135.5
6.45
-10.0
153.5
-1.45
-116.4
-1.45
-115.5
-9.5
75.7
-2.7
80.8
-22.3
16.1
-23.7
23.1
-9.0
75.7
7.00
-9.5
103.6
-2.00
-156.8
-2.00
-158.9
-8.2
11.5
-2.8
39.3
-21.2
-23.8
-23.7
-23.4
-8.0
10.6
Measured S-parameters include the evaluation board.



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com